Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83L351 Datasheet(PDF) 4 Page - Winbond

Part # W83L351
Description  ExpressCard??Power Interface Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L351 Datasheet(HTML) 4 Page - Winbond

  W83L351 Datasheet HTML 1Page - Winbond W83L351 Datasheet HTML 2Page - Winbond W83L351 Datasheet HTML 3Page - Winbond W83L351 Datasheet HTML 4Page - Winbond W83L351 Datasheet HTML 5Page - Winbond W83L351 Datasheet HTML 6Page - Winbond W83L351 Datasheet HTML 7Page - Winbond W83L351 Datasheet HTML 8Page - Winbond W83L351 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
W83L351 Series
1. FEATURES
Meets the ExpressCard™ Standard (ExpressCard|34 or ExpressCard|54)
Compliant with the ExpressCard™ Compliance Checklists
ExpressCard Compliance ID: EC100098 (W83L351G), EC100115 (W83L351YG/YCG)
Fully Satisfies the ExpressCard™ Implementation Guidelines
Supports System with WAKE Function
TTL-Logic Compatible Inputs
Short Circuit and Thermal Protection
0℃ to 70℃ Ambient Operating Temperature Range
Available in a 20-pin TSSOP or a 20-pin QFN
Publication Date: July 5, 2007
-1-
Revision 1.10


Similar Part No. - W83L351

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351YCG NUVOTON-W83L351YCG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351YCG NUVOTON-W83L351YCG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
More results

Similar Description - W83L351

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com