Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2310PAG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2310PAG4
Description  Stereo Audio Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2310PAG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PGA2310PAG4 Datasheet HTML 4Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 5Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 6Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 7Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 8Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 9Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 10Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 11Page - Burr-Brown (TI) PGA2310PAG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PGA2310
SBOS207B − OCTOBER 2001 − REVISED JUNE 2004
www.ti.com
8
SERIAL CONTROL PORT
The serial control port is utilized to program the gain
settings for the PGA2310. The serial control port includes
three input pins and one output pin. The inputs include CS
(pin 2), SDI (pin 3), and SCLK (pin 6). The sole output pin
is SDO (pin 7).
The CS pin functions as the chip select input. Data may be
written to the PGA2310 only when CS is low. SDI is the
serial data input pin. Control data is provided as a 16-bit
word at the SDI pin, 8 bits each for the left and right channel
gain settings. Data is formatted as MSB first, straight
binary code. SCLK is the serial clock input. Data is clocked
into SDI on the rising edge of SCLK.
SDO is the serial data output pin, and is used when
daisy-chaining multiple PGA2310 devices. Daisy-chain
operation is described in detail later in this section. SDO
is a tristate output, and assumes a high impedance state
when CS is high.
The protocol for the serial control port is shown in Figure 2.
See Figure 3 for detailed timing specifications of the serial
control port.
Gain Byte Format is MSB First, Straight Binary
R0 is the Least Significant Bit of the Right Channel Gain Byte
R7 is the Most Significant Bit of the Right Channel Gain Byte
L0 is the Least Significant Bit of the Left Channel Gain Byte
L7 is the Most Significant Bit of the Left Channel Gain Byte
SDI is latched on the rising edge of SCLK.
SDO transitions on the falling edge of SCLK.
CS
SCLK
SDI
SDO
R6
R5
R4
R3
R2
R1
R0
L7
L6
L5
L4
L3
L2
L1
L0
R7
R7
R6
R5
R4
R3
R2
R1
R0
L7
L6
L5
L4
L3
L2
L1
L0
Figure 2. Serial Interface Protocol


Similar Part No. - PGA2310PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310PAG4 BURR-BROWN-PGA2310PAG4 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results

Similar Description - PGA2310PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com