Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382B-150BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1382B-150BZC
Description  512K x 36/1M x 18 Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382B-150BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1382B-150BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1382B-150BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
512K x 36/1M x 18 Pipelined SRAM
CY7C1380B
CY7C1382B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05267 Rev. *A
Revised October 8, 2001
380B
Features
• Fast clock speed: 200, 167, 150, 133 MHz
• Provide high-performance 3-1-1-1 access rate
•Fast OE access times: 3.0, 3.4, 3.8, and 4.2 ns
• Optimal for depth expansion
• 3.3V (–5% / +10%) power supply
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Chip enable for address pipeline
• Address, data, and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst se-
quence)
• Automatic power-down available using ZZ mode or CE
deselect
• High-density, high-speed packages
• JTAG boundary scan for BGA packaging version
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low-power CMOS designs using advanced sin-
gle-layer polysilicon, triple-layer metal technology. Each mem-
ory cell consists of six transistors.
The
CY7C1380B
and
CY7C1382B
SRAMs
integrate
524,288x36 and 1,048,576x18 SRAM cells with advanced
synchronous peripheral circuitry and a 2-bit counter for inter-
nal burst operation. All synchronous inputs are gated by reg-
isters controlled by a positive-edge-triggered Clock Input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining Chip Enable (CE), burst control in-
puts (ADSC, ADSP, and ADV), write enables (BWa, BWb,
BWc, BWd and BWE), and Global Write (GW).
Asynchronous inputs include the Output Enable (OE) and
burst mode control (MODE). DQa,b,c,d and DPa,b,c,d apply to
CY7C1380B and DQa,b and DPa,b apply to CY7C1382B. a, b,
c, d each are 8 bits wide in the case of DQ and 1 bit wide in
the case of DP.
Addresses and chip enables are registered with either Ad-
dress Status Processor (ADSP) or Address Status Controller
(ADSC) input pins. Subsequent burst addresses can be inter-
nally generated as controlled by the Burst Advance Pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate self-timed WRITE cycle. WRITE cycles can be one
to four bytes wide as controlled by the write control inputs.
Individual byte write allows individual byte to be written. BWa
controls DQa and DPa. BWb controls DQb and DPb. BWc con-
trols DQc and DPc. BWd controls DQd and DPd. BWa, BWb,
BWc, and BWd can be active only with BWE being LOW. GW
being LOW causes
all bytes to be written. WRITE
pass-through capability allows written data available at the out-
put for the immediately next READ cycle. This device also in-
corporates pipelined enable circuit for easy depth expansion
without penalizing system performance.
All inputs and outputs of the CY7C1380B and the CY7C1382B
are JEDEC standard JESD8-5 compatible.
Selection Guide
200 MHz
167 MHz
150 MHz
133 MHz
Maximum Access Time (ns)
3.0
3.4
3.8
4.2
Maximum Operating Current (mA)
Commercial
315
285
265
245
Maximum CMOS Standby Current (mA)
20
20
20
20


Similar Part No. - CY7C1382B-150BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382BV25 CYPRESS-CY7C1382BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133AC CYPRESS-CY7C1382BV25-133AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133BGC CYPRESS-CY7C1382BV25-133BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150AC CYPRESS-CY7C1382BV25-150AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150BGC CYPRESS-CY7C1382BV25-150BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
More results

Similar Description - CY7C1382B-150BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com