Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR6225L-XX-T92-C-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR6225L-XX-T92-C-B
Description  POSITIVE VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-T92-C-B Datasheet(HTML) 3 Page - Unisonic Technologies

  UR6225L-XX-T92-C-B Datasheet HTML 1Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 2Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 3Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 4Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 5Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-T92-C-B Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 19
www.unisonic.com.tw
QW-R502-030,G
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
SOT-25
150
SOT-23
150
SOT-89
500
Continuous Total Power Dissipation
TO-92
PD
300
mW
Junction Temperature
TJ
+125
Operating Temperature
TOPR
-40 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25 ,
unless otherwise specified)
UR6225-6.0V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=40mA, VIN=7.0V
5.880 6.000 6.120
V
Maximum Output Current
1
IOUT(MAX)
VIN=7.0V
VOUT(E)≥4.5V
250
mA
Load Stability
1
VOUT
VIN=7.0V
1mA≤IOUT≤100mA
40
80
mV
1
VDIF1
IOUT=100mA
120
300
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=200mA
380
600
mV
Supply Current
2
ISS
VIN=7.0V
2.0
4.5
µA
Input Stability
1
VOUT
VIN ×VOUT
IOUT=40mA
7.0V≤VIN≤10.0V
0.2
0.3
%/V
Input Voltage
VIN
10
V
Thermal Shutdown
150
Output Voltage Temperature
Characteristics
1
VOUT
TOPR×VOUT
IOUT=40mA
-40 ≤T
OPR≤85℃
±100
ppm/℃
UR6225-5.0V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=40mA, VIN=6.0V
4.900 5.000 5.100
V
Maximum Output Current
1
IOUT(MAX)
VIN=6.0V
VOUT(E)≥4.5V
250
mA
Load Stability
1
VOUT
VIN=6.0V
1mA≤IOUT≤100mA
40
80
mV
1
VDIF1
IOUT=100mA
120
300
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=200mA
380
600
mV
Supply Current
2
ISS
VIN=6.0V
2.0
4.5
µA
Input Stability
1
VOUT
VIN ×VOUT
IOUT=40mA
6.0V≤VIN≤10.0V
0.2
0.3
%/V
Input Voltage
VIN
10
V
Thermal Shutdown
150
Output Voltage Temperature
Characteristics
1
VOUT
TOPR×VOUT
IOUT=40mA
-40 ≤T
OPR≤85℃
±100
ppm/℃


Similar Part No. - UR6225L-XX-T92-C-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225L-XX-T92-C-B UTC-UR6225L-XX-T92-C-B Datasheet
463Kb / 16P
   POSITIVE VOLTAGE REGULATOR
UR6225L-XX-T92-C-B UTC-UR6225L-XX-T92-C-B Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6225L-XX-T92-C-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com