Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1506GV-E1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPB1506GV-E1
Description  NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1506GV-E1 Datasheet(HTML) 1 Page - California Eastern Labs

  UPB1506GV-E1 Datasheet HTML 1Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 2Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 3Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 4Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 5Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 6Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 7Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 8Page - California Eastern Labs UPB1506GV-E1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NEC's 3.0 GHz
DIVIDE BY 64/128/256 PRESCALER
PART NUMBER
UPB1506GV,UPB1507GV
PACKAGE OUTLINE
S08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current
mA
12.5
19
26.5
fIN(U)
Upper Limit Operating Frequency, PIN = -15 to +6 dBm
GHz
3.0
fIN(L)1
Lower Limit Operating Frequency, PIN = -10 to +6 dBm
GHz
0.5
fIN(L)2
Lower Limit Operating Frequency, PIN = -15 to +6 dBm
GHz
1.0
PIN1
Input Power, fIN = 1.0 to 3.0 GHz
dBm
-15
+6
PIN2
Input Power, fIN = 0.5 to 1.0 GHz
dBm
-10
+6
VOUT
Output Voltage, CL = 0.8 pF
VP-P
1.2
1.6
VIN(H)
Division Ratio Control Input High
V
VCC
VIN(L)
Division Ratio Control Input Low
V
OPEN or GND
FEATURES
• HIGH FREQUENCY OPERATION TO 3 GHz
• SELECTABLE DIVIDE RATIO: ÷64, ÷128, ÷256
• LOW CURRENT CONSUMPTION: 19 mA at 5 V
• SMALL PACKAGE: 8 pin SSOP
• AVAILABLE IN TAPE AND REEL
TEST CIRCUIT
UPB1506GV
UPB1507GV
ELECTRICAL CHARACTERISTICS (TA = -40 to +85°C, VCC = 4.5 to 5.5 V, Zs = 50Ω)
C
C
C
C = 1000 pF
10,000 pF
OPEN
UPB1507GV
1
2
3
4
8
7
6
5
IN
VCC
VCC
VOUT
fIN
SW1
OUT
NC
SW2
GND
IN
PLEASE
NOTE:
The
followng
part
number
from
this
datasheet
is
Not
Recommended
for New
Designs:
UPB1506GV
Please
contact
your
local
sales
office
for
details:
DESCRIPTION
NEC's UPB1506GV and UPB1507GV are Silicon MMIC digital
prescalers manufactured with the NESAT™ IV silicon bipolar
process. They feature high frequency response to 3 GHz,
selectable divide-by-64, 128, or 256 modes, and operate on a
5 volt supply while drawing only 19 mA. The devices are
housed in a small 8 pin SSOP package that contributes to
system miniaturization. These devices are designed for use in
a PLL synthesizer for DBS and CATV settop and WLAN
applications.
California Eastern Laboratories


Similar Part No. - UPB1506GV-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1506GV-E1 NEC-UPB1506GV-E1 Datasheet
143Kb / 20P
   3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
Renesas Technology Corp
UPB1506GV-E1 RENESAS-UPB1506GV-E1 Datasheet
573Kb / 22P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS
1996
More results

Similar Description - UPB1506GV-E1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
   Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
   3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
California Eastern Labs
UPB1509GV CEL-UPB1509GV Datasheet
338Kb / 8P
   NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER
logo
NEC
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
   3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
   1GHz DIVIDE-BY-248/256 PRESCALER
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com