Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4880L-SH2-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LM4880L-SH2-T
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880L-SH2-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LM4880L-SH2-T Datasheet HTML 3Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 4Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 5Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 6Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 7Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 8Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 9Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 10Page - Unisonic Technologies LM4880L-SH2-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R502-033,B
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LM4880L-SH2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880L-SH2-T UTC-LM4880L-SH2-T Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4880L-SH2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
   DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com