Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C850 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C850
Description  2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C850 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C850 Datasheet HTML 1Page - NXP Semiconductors SC16C850 Datasheet HTML 2Page - NXP Semiconductors SC16C850 Datasheet HTML 3Page - NXP Semiconductors SC16C850 Datasheet HTML 4Page - NXP Semiconductors SC16C850 Datasheet HTML 5Page - NXP Semiconductors SC16C850 Datasheet HTML 6Page - NXP Semiconductors SC16C850 Datasheet HTML 7Page - NXP Semiconductors SC16C850 Datasheet HTML 8Page - NXP Semiconductors SC16C850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1.
General description
The SC16C850 is a 2.5 V to 3.3 V, low power, single channel Universal Asynchronous
Receiver and Transmitter (UART) used for serial data communications. Its principal
function is to convert parallel data into serial data and vice versa. The UART can handle
serial data rates up to 5 Mbit/s. The SC16C850 is functionally (software) compatible with
the SC16C650B. SC16C850 can be programmed to operate in extended mode (see
Section 6.2) where additional advanced UART features are available. The SC16C850
UART provides enhanced UART functions with 128-byte FIFOs, modem control interface,
and IrDA encoder/decoder. On-board status registers provide the user with error
indications and operational status. System interrupts and modem control features may be
tailored by software to meet specific user requirements. An internal loopback capability
allows on-board diagnostics.
The SC16C850IBS with Intel (16 mode) or Motorola (68 mode) bus host interface
operates at 2.5 V to 3.3 V and is available in a very small (Micro-UART) HVQFN32
package.
The SC16C850IET with Intel (16 mode) bus host interface operates at 2.5 V to 3.3 V and
is available in a very small TFBGA36 package.
2.
Features
I Single channel high performance UART
I Intel or Motorola bus interface selectable using 16/68 pin
I 2.5 V to 3.3 V operation
I Up to 5 Mbit/s data rate
I 128-byte transmit FIFO to reduce the bandwidth requirement of the external CPU
I 128-byte receive FIFO with error flags to reduce the bandwidth requirement of the
external CPU
I 128 programmable Receive and Transmit FIFO interrupt trigger levels
I 128 Receive and Transmit FIFO reporting levels (level counters)
I Automatic software (Xon/Xoff) and hardware (RTS/CTS or DTR/DSR) flow control
I Industrial temperature range (−40 °C to +85 °C)
I 128 hardware and software trigger levels
I Automatic 9-bit mode (RS-485) address detection
I Automatic RS-485 driver turn-around with programmable delay
I UART software reset
I High resolution clock prescaler, from 0 to 15 with granularity of 116 to allow
non-standard UART clock to be used
SC16C850
2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs,
infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01 — 10 January 2008
Product data sheet


Similar Part No. - SC16C850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850LIBS NXP-SC16C850LIBS Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850LIET NXP-SC16C850LIET Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C850SV NXP-SC16C850SV Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
More results

Similar Description - SC16C850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852L NXP-SC16C852L Datasheet
299Kb / 63P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 03-18 January 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC68C752B NXP-SC68C752B Datasheet
358Kb / 48P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
Rev. 04-20 January 2010
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com