Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C850 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC16C850
Description  2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C850 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC16C850 Datasheet HTML 2Page - NXP Semiconductors SC16C850 Datasheet HTML 3Page - NXP Semiconductors SC16C850 Datasheet HTML 4Page - NXP Semiconductors SC16C850 Datasheet HTML 5Page - NXP Semiconductors SC16C850 Datasheet HTML 6Page - NXP Semiconductors SC16C850 Datasheet HTML 7Page - NXP Semiconductors SC16C850 Datasheet HTML 8Page - NXP Semiconductors SC16C850 Datasheet HTML 9Page - NXP Semiconductors SC16C850 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
SC16C850_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 10 January 2008
6 of 53
NXP Semiconductors
SC16C850
2.5 V to 3.3 V UART with 128-byte FIFOs and IrDA encoder/decoder
5.2 Pin description
a. 16 mode
b. 68 mode
Fig 5.
Pin configuration for HVQFN32
002aad024
SC16C850IBS
(16 mode)
Transparent top view
A2
TX
CS
A1
RX
A0
D7
INT
D6
D5
DTR
16
D4
CTS
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
RTS
RESET
002aad025
SC16C850IBS
(68 mode)
Transparent top view
A2
TX
CS
A1
RX
A0
D7
IRQ
D6
D5
DTR
68
D4
CTS
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
RTS
RESET
Table 2.
Pin description
Symbol
Pin
Type
Description
TFBGA36
HVQFN32
16/68
-
2
I
Bus select. Intel or Motorola bus select.
When 16/68 pin is at logic 1 or left unconnected (internally pulled-up) the
device will operate in Intel bus (16 mode) type of interface.
When 16/68 pin is at logic 0, the device will operate in Motorola bus (68 mode)
type of interface.
A0
C1
19
I
Address 0 select bit. Internal register address selection.
A1
C3
18
I
Address 1 select bit. Internal register address selection.
A2
B1
17
I
Address 2 select bit. Internal register address selection.
CD
E3
26
I
Carrier Detect (active LOW). A logic 0 on this pin indicates that a carrier has
been detected by the modem. Status can be tested by reading MSR[7].
CS
B6
8
I
Chip Select (active LOW). In 16 mode or 68 mode, this input is chip select for
the UART.
CTS
D3
24
I
Clear to Send (active LOW). A logic 0 on the CTS pin indicates the modem
or data set is ready to accept transmit data from the SC16C850. Status can be
tested by reading MSR[4].
DSR
F2
25
I
Data Set Ready (active LOW). A logic 0 on this pin indicates the modem or
data set is powered-on and is ready for data exchange with the UART. Status
can be tested by reading MSR[5].
DTR
E1
22
O
Data Terminal Ready (active LOW). A logic 0 on this pin indicates that the
SC16C850 is powered-on and ready. This pin can be controlled via the
modem control register. Writing a logic 1 to MCR[0] will set the DTR output to
logic 0, enabling the modem. This pin will be a logic 1 after writing a logic 0 to
MCR[0], or after a reset.


Similar Part No. - SC16C850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850LIBS NXP-SC16C850LIBS Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850LIET NXP-SC16C850LIET Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C850SV NXP-SC16C850SV Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
More results

Similar Description - SC16C850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852L NXP-SC16C852L Datasheet
299Kb / 63P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 03-18 January 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC68C752B NXP-SC68C752B Datasheet
358Kb / 48P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
Rev. 04-20 January 2010
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com