Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C850 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C850
Description  2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C850 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C850 Datasheet HTML 1Page - NXP Semiconductors SC16C850 Datasheet HTML 2Page - NXP Semiconductors SC16C850 Datasheet HTML 3Page - NXP Semiconductors SC16C850 Datasheet HTML 4Page - NXP Semiconductors SC16C850 Datasheet HTML 5Page - NXP Semiconductors SC16C850 Datasheet HTML 6Page - NXP Semiconductors SC16C850 Datasheet HTML 7Page - NXP Semiconductors SC16C850 Datasheet HTML 8Page - NXP Semiconductors SC16C850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
SC16C850_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 10 January 2008
4 of 53
NXP Semiconductors
SC16C850
2.5 V to 3.3 V UART with 128-byte FIFOs and IrDA encoder/decoder
Fig 2.
Block diagram of SC16C850 (68 mode)
TX
RX
SC16C850
XTAL2
XTAL1
D0 to D7
R/W
RESET
002aad021
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
A0 to A2
CS
INTERRUPT
CONTROL
LOGIC
IRQ
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
DTR
RTS
CTS
RI
CD
DSR
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTER
FLOW
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
TRANSMIT
SHIFT
REGISTER
TRANSMIT
FIFO
REGISTER
IR
DECODER
IR
ENCODER
POWER-DOWN
CONTROL
LOWPWR


Similar Part No. - SC16C850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850LIBS NXP-SC16C850LIBS Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850LIET NXP-SC16C850LIET Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C850SV NXP-SC16C850SV Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
More results

Similar Description - SC16C850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852L NXP-SC16C852L Datasheet
299Kb / 63P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 03-18 January 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC68C752B NXP-SC68C752B Datasheet
358Kb / 48P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
Rev. 04-20 January 2010
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com