Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX63___Z Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX63___Z
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX63___Z Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX63___Z Datasheet HTML 1Page - Maxim Integrated Products MAX63___Z Datasheet HTML 2Page - Maxim Integrated Products MAX63___Z Datasheet HTML 3Page - Maxim Integrated Products MAX63___Z Datasheet HTML 4Page - Maxim Integrated Products MAX63___Z Datasheet HTML 5Page - Maxim Integrated Products MAX63___Z Datasheet HTML 6Page - Maxim Integrated Products MAX63___Z Datasheet HTML 7Page - Maxim Integrated Products MAX63___Z Datasheet HTML 8Page - Maxim Integrated Products MAX63___Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
_______________________________________________________________________________________
5
0.80
0.90
0.85
1.00
0.95
1.05
1.10
1.15
1.20
-60
-20
0
-40
20
406080
100
NORMALIZED RESET/WATCHDOG
PERIOD vs. TEMPERATURE
TEMPERATURE (°C)
OPEN-DRAIN
OUTPUT
0
0
0
5V
3V
RST1 PUSH-PULL
OUTPUT
RST2 PUSH-PULL
OUTPUT
5V
PULLUP CHARACTERISTICS
MAX6351/60-07
400ns/div
RPULLUP = 100k
CLOAD = 10pF
300
0
0.01
0.1
1
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
100
50
RESET THRESHOLD OVERDRIVE, VRST - VCC (V)
150
200
250
RESET OCCURS ABOVE LINE
0
50
100
150
200
250
00.4 0.5
0.2 0.3
0.1
0.6 0.7 0.8 0.9 1.0
RESET DELAY vs.
RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE, VRST - VCC (V)
DELAY FROM FALL OF VCC1
DELAY FROM FALL OF VCC2
0
5V
MANUAL RESET INPUT TO
OUTPUT DELAY
40ns/div
0
5V
MR
MAX6351/60-08
0
0
5V
5V
OPEN-DRAIN
OUTPUT
RST1 PUSH-PULL
OUTPUT
RST2 PUSH-PULL
OUTPUT
RPULLUP = 100k
CLOAD = 10pF
Typical Operating Characteristics (continued)
(VCC1 = +5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX63___Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results

Similar Description - MAX63___Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com