Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2890IDGST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2890IDGST
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2890IDGST Datasheet(HTML) 5 Page - Texas Instruments

  OPA2890IDGST Datasheet HTML 1Page - Texas Instruments OPA2890IDGST Datasheet HTML 2Page - Texas Instruments OPA2890IDGST Datasheet HTML 3Page - Texas Instruments OPA2890IDGST Datasheet HTML 4Page - Texas Instruments OPA2890IDGST Datasheet HTML 5Page - Texas Instruments OPA2890IDGST Datasheet HTML 6Page - Texas Instruments OPA2890IDGST Datasheet HTML 7Page - Texas Instruments OPA2890IDGST Datasheet HTML 8Page - Texas Instruments OPA2890IDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
At RF = 0Ω, G = +1V/V, and RL = 100Ω, unless otherwise noted.
OPA2890ID, IDGS
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL
(1)
AC PERFORMANCE
Small-signal bandwidth
G = +1V/V, VO = 100mVPP, RF = 0Ω
210
MHz
typ
C
G = +2V/V, VO = 100mVPP
90
55
45
40
MHz
min
B
G = +10V/V, VO = 100mVPP
12
8
6.8
6.3
MHz
min
B
Gain bandwidth product
G > +20V/V
120
85
70
68
MHz
min
B
Bandwidth for 0.1dB flatness
G = +2V/V, VO = 100mVPP
15
MHz
typ
C
Peaking at a gain of +1V/V
VO < 100mVPP
0.2
dB
typ
C
Large-signal bandwidth
G = +2V/V, VO = 2VPP
100
MHz
typ
C
Slew rate
G = +2V/V, VO = 2V step
350
250
200
175
V/
µs
min
B
Rise-and-fall time
0.2V step
3.8
ns
typ
C
Settling time to 0.02%
G = +1V/V, VO = 2V step
18
ns
typ
C
Settling time to 0.1%
12
ns
typ
C
Harmonic distortion
G = +2V/V, f = 1MHz, VO = 2VPP
2nd harmonic
RL = 200Ω
80
71
68
67
dBc
max
B
RL ≥ 500Ω
87
75
71
70
dBc
max
B
3rd harmonic
RL = 200Ω
83
79
77
76
dBc
max
B
RL ≥ 500Ω
86
83
81
80
dBc
max
B
Input voltage noise
f > 100kHz
8.1
9.1
10.1
11.1
nV/
√Hz
max
B
Input current noise
f > 100kHz
1.1
1.4
1.7
2.0
pA/
√Hz
max
B
Differential gain
G = +2V/V, VO = 1.4VPP, RL = 150Ω
0.06
%
typ
C
Differential phase
G = +2V/V, VO = 1.4VPP, RL = 150Ω
0.04
°
typ
C
Channel-to-channel crosstalk
f = 5MHz, Input-referred
-68
dB
typ
C
DC PERFORMANCE
(4)
Open-loop voltage gain (AOL)
VO = VS/2, RL = 100Ω
60
55
54
52
dB
min
A
Input offset voltage
VCM = VS/2
±2
±5
±6.6
±7.1
mV
max
A
Average offset voltage drift
VCM = VS/2
±35
±35
µV/°C
max
B
Input bias current
VCM = VS/2
±0.1
±1.7
±1.9
±2.1
µA
max
A
Average input bias current drift
VCM = VS/2
±5
±6
nA/
°C
max
B
Input offset current
VCM = VS/2
±70
±400
±500
±550
nA
max
A
Average input offset current drift
VCM = VS/2
±2.5
±2.5
nA/
°C
max
B
INPUT
Most positive input voltage
(5)
+4
+3.8
+3.75
+3.7
V
min
A
Least positive input voltage
(5)
+1
+1.2
+1.2
+1.3
V
max
A
Common-mode rejection ratio (CMRR)
VCM = VS/2, Input-referred
65
59
56
55
dB
min
A
Input impedance
Differential
VCM = VS/2
190 || 0.6
k
Ω || pF
typ
C
Common-mode
VCM = VS/2
3.2 || 0.9
M
Ω || pF
typ
C
OUTPUT
Most positive output voltage
No load
+4.1
+3.9
+3.85
+3.8
V
min
A
RL = 100Ω
+3.9
+3.75
+3.7
+3.65
V
min
A
Least positive output voltage
No load
+0.9
+1.1
+1.15
+1.2
V
max
A
RL = 100Ω
+1.1
+1.35
+1.4
+1.45
V
max
A
Output current: sourcing, sinking
VO = VS/2
±35
±30
±28
±25
mA
min
A
Short-circuit output current
Output shorted to ground
±65
mA
typ
C
Closed-loop output impedance
G = +2V/V, f = 100kHz
0.04
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +2
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA2890


Similar Part No. - OPA2890IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890IDGST TI-OPA2890IDGST Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA2890IDGST NSC-OPA2890IDGST Datasheet
1Mb / 38P
   Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
logo
Texas Instruments
OPA2890IDGSTG4 TI-OPA2890IDGSTG4 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA2890IDGSTG4 NSC-OPA2890IDGSTG4 Datasheet
1Mb / 38P
   Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
More results

Similar Description - OPA2890IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com