Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2889 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2889
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2889 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2889 Datasheet HTML 1Page - Texas Instruments OPA2889 Datasheet HTML 2Page - Texas Instruments OPA2889 Datasheet HTML 3Page - Texas Instruments OPA2889 Datasheet HTML 4Page - Texas Instruments OPA2889 Datasheet HTML 5Page - Texas Instruments OPA2889 Datasheet HTML 6Page - Texas Instruments OPA2889 Datasheet HTML 7Page - Texas Instruments OPA2889 Datasheet HTML 8Page - Texas Instruments OPA2889 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
BurrBrown Products
from Texas Instruments
OP
A2890
OP
A2890
1
FEATURES
DESCRIPTION
APPLICATIONS
200W
750W
1/2
OPA2890
750W
1/2
OPA2890
V
REF/2
200W
+6V
+5V
+6V
-6V
-6V
0.01 F
m
1kW
50W
500pF
V
I
375W
16W
16W
0V
4V
®
500kHzLP
Pole
16-Bit
1MSPS
SARADC
ADS8472
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
Low-Power, Wideband, Voltage-Feedback
OPERATIONAL AMPLIFIER with Disable
2
• FLEXIBLE SUPPLY RANGE:
The OPA2890 represents a major step forward in
+3V to +12V Single Supply
unity-gain stable, voltage-feedback op amps. A new
±1.5V to ±6V Dual Supplies
internal architecture provides slew rate and full-power
• UNITY-GAIN STABLE
bandwidth
previously
found
only
in
wideband,
• WIDEBAND +5V OPERATION: 90MHz
current-feedback op amps. These capabilities give
(G = 2V/V)
exceptional single-supply operation. Using a single
+5V supply, the OPA2890 can deliver a 0.9V to 4.1V
• OUTPUT VOLTAGE SWING: ±4.1V
output swing with over 30mA drive current and
• HIGH SLEW RATE: 400V/µs
210MHz bandwidth. This combination of features
• LOW QUIESCENT CURRENT: 1.1mA/ch
makes the OPA2890 an ideal RGB line driver or
single-supply analog-to-digital converter (ADC) input
• LOW DISABLE CURRENT: 30µA/ch
driver.
The low 1.1mA/ch supply current of the OPA2890 is
• VIDEO LINE DRIVING
precisely trimmed at +25
°C. This trim, along with low
temperature drift, ensures lower maximum supply
• xDSL LINE DRIVERS/RECEIVERS
current than competing products. System power may
• HIGH-SPEED IMAGING CHANNELS
be reduced further using the optional disable control
• ADC BUFFERS
pin (MSOP-10 package only). Leaving this disable pin
• PORTABLE INSTRUMENTS
open, or holding it high, operates the OPA2890
normally. If pulled low, the OPA2890 supply current
• TRANSIMPEDANCE AMPLIFIERS
drops to less than 30
µA/ch while the output goes into
• ACTIVE FILTERS
a high-impedance state.
RELATED
OPERATIONAL AMPLIFIER
PRODUCTS
SINGLES
DUALS
TRIPLES
Low-power voltage-feedback
OPA890
with disable
Very low-power
OPA2889
voltage-feedback with disable
Voltage-feedback amplifier
OPA690
OPA2690
OPA3690
with disable (1800V/
µs)
Low Power, DC-Coupled, Single-to-Differential
Driver for
≤100kHz Inputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2889

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA2889 NSC-OPA2889 Datasheet
1Mb / 38P
   Dual, Low-Power, Wideband, Voltage-Feedback
logo
Burr-Brown (TI)
OPA2889ID BURR-BROWN-OPA2889ID Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA2889ID NSC-OPA2889ID Datasheet
1Mb / 38P
   Dual, Low-Power, Wideband, Voltage-Feedback
OPA2889IDG4 NSC-OPA2889IDG4 Datasheet
1Mb / 38P
   Dual, Low-Power, Wideband, Voltage-Feedback
More results

Similar Description - OPA2889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com