Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA452 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA452
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA452 Datasheet(HTML) 5 Page - Texas Instruments

  OPA452 Datasheet HTML 1Page - Texas Instruments OPA452 Datasheet HTML 2Page - Texas Instruments OPA452 Datasheet HTML 3Page - Texas Instruments OPA452 Datasheet HTML 4Page - Texas Instruments OPA452 Datasheet HTML 5Page - Texas Instruments OPA452 Datasheet HTML 6Page - Texas Instruments OPA452 Datasheet HTML 7Page - Texas Instruments OPA452 Datasheet HTML 8Page - Texas Instruments OPA452 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
R
L
50kW
100V
PP
10kHz
+50V
E/DCom
E/D
-50V
V
OUT
OPA454
SBOS391 – DECEMBER 2007
ELECTRICAL CHARACTERISTICS: VS = ±50V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TP = +25°C, RL = 4.8kΩ to mid-supply, VCM = VOUT = mid-supply, unless otherwise noted.
OPA454
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
E/D (ENABLE/DISABLE) PIN
E/D Pin, Referenced to E/D Com Pin(14)(15)
High (output enabled)
VSD
Pin Open or Forced High
E/D Com + 2.5
E/D Com + 5
V
E/D Com +
Low (output disabled)
VSD
Pin Forced Low
E/D Com
V
0.65
Output Disable Time
4
µs
Output Enable Time
3
µs
E/D COM PIN
Voltage Range
(V–)
(V+) – 5
V
POWER SUPPLY
Specified Range
VS
±50
V
Operating Voltage Range
±5
±50
V
Quiescent Current
IQ
IO = 0
3.2
4
mA
Quiescent Current in Shutdown Mode
IO = 0, VE/D = 0.65V
150
210
µA
TEMPERATURE RANGE
Specified Range
TA
–40
+85
°C
Operating Range
TA
–55
+125
°C
Thermal Resistance, Junction-to-Case(16)
SO-8 PowerPAD(17)
θ
JC
10
°C/W
HSOP-20
10
°C/W
Thermal Resistance, Junction-to-Ambient
θ
JA
SO-8 PowerPAD(17)
24/52
°C/W
HSOP-20(18)
65
°C/W
(14) See typical characteristic curve, IENABLE vs VENABLE (Figure 46).
(15) High enables the outputs.
(16) TP is the temperature of the leadframe die pad (exposed thermal pad) of the PowerPAD package.
(17) Lower value is for land area of 1-inch
× 1-inch, 2-oz copper. Upper value is for exposed-pad sized area of 1-oz copper.
(18) Value given is for DW-20 package, similar to the DWD package, but without an exposed pad. Actual
θ
JA may approach θJC by selection
of external heatsink and airflow.
Figure 1. Feedthrough Capacitance Circuit
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA454


Similar Part No. - OPA452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA452 TI-OPA452 Datasheet
335Kb / 17P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452 TI1-OPA452 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA TI-OPA452FA Datasheet
335Kb / 17P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA TI1-OPA452FA Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA/500 TI-OPA452FA/500 Datasheet
335Kb / 17P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA452 TI-OPA452 Datasheet
335Kb / 17P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452 TI1-OPA452_13 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com