Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP8020A-JIR1 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP8020A-JIR1
Description  Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP8020A-JIR1 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP8020A-JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP8020A-JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EUP8020X
DS8020X Ver 1.1 June 2006
5
Absolute Maximum Ratings
Input voltage(AC, CE ,ISET1,ISET2,OUT, PG ,STAT1,STAT2, TE , TS, TTE ,USB) -------- 0.3V to 6V
Output sink / source current (STAT1,STAT2, PG ) ---------------------------------------------------- 15mA
Output current (TS ) --------------------------------------------------------------------------------------- 200μA
Output current (OUT) -------------------------------------------------------------------------------------
1.5 A
Junction temperature range, TJ -------------------------------------------------------------------------
150°C
Storage temperature range, Tstg ------------------------------------------------------------- -65°C to 150°C
Lead temperature (soldering, 10s) --------------------------------------------------------------------
260°C
Dissipation Ratings
Package
θJA
TA < 40°C
Power Rating
Derating Factor
Above
TA =25°C
TDFN-10
48°C/W
1.5W
0.0208 W/°C
Recommended Operating Conditions (1)
Min.
Max.
Unit
Supply voltage (from AC input), VCC
4.5
5.5
V
Supply voltage (from USB input), VCC
4.35
5.5
V
Operating junction temperature range, TJ
-40
125
°C
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
EUP8020X
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Current
VCC current, ICC(VCC)
VCC > VCC(min)
0.9
1.5
mA
Sleep current, ICC(SLP)
Sum of currents into OUT pin,
VCC < V(SLP)
1
5
Standby current, ICC(STBY)
CE
= High, 0°C
TJ 85°C
50
150
µA
Voltage Regulation
Output voltage, VO(REG)
4.2
V
TA = 25°C
-0.5%
0.5%
Voltage regulation accuracy
-1.5%
1.5%
AC dropout voltage (V(AC)-V(OUT)),
V(DO)
VO(OUT) = VO(REG), IO(OUT) = 1A
400
500
VO(OUT) = VO(REG) ISET2 = High
400
500
USB dropout voltage (V(USB) - V(OUT)),
V(DO)
VO(OUT) = VO(REG) ISET2 = Low
100
150
mV


Similar Part No. - EUP8020A-JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8010A-JIR1 EUTECH-EUP8010A-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010B-JIR1 EUTECH-EUP8010B-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010C-JIR1 EUTECH-EUP8010C-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010D-JIR1 EUTECH-EUP8010D-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010X EUTECH-EUP8010X Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
More results

Similar Description - EUP8020A-JIR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
[Old version datasheet]   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
National Semiconductor ...
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
   Dual source USB Li-Ion charger with gas gauge
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
   Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com