Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7982-25MIR1 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP7982-25MIR1
Description  300mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7982-25MIR1 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP7982-25MIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7982-25MIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EUP7982
DS7982 Ver 1.4 May.2005
10
Packaging Information
MSOP-8
NOTE
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter. Converted inch dimensions are not necessarily exact.
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
SYMBOLS
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.81
0.95
1.10
0.032
0.0375
0.043
A1
0.05
0.09
0.15
0.002
0.004
0.006
A2
0.76
0.86
0.97
0.030
0.034
0.038
b
0.28
0.30
0.38
0.011
0.012
0.015
C
0.13
0.15
0.23
0.005
0.006
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
4.70
4.90
5.10
0.185
0.193
0.201
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
------
0.65
-----
------
0.026
------
L
0.40
0.53
0.66
0.016
0.021
0.026
y
------
------
0.10
------
------
0.004
θ
0
------
6
0
------
6


Similar Part No. - EUP7982-25MIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-15NIR1 EUTECH-EUP7981-15NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-185NIR1 EUTECH-EUP7981-185NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-18NIR1 EUTECH-EUP7981-18NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-25NIR1 EUTECH-EUP7981-25NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
More results

Similar Description - EUP7982-25MIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com