Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6357 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6357
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6357 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6357 Datasheet HTML 1Page - Maxim Integrated Products MAX6357 Datasheet HTML 2Page - Maxim Integrated Products MAX6357 Datasheet HTML 3Page - Maxim Integrated Products MAX6357 Datasheet HTML 4Page - Maxim Integrated Products MAX6357 Datasheet HTML 5Page - Maxim Integrated Products MAX6357 Datasheet HTML 6Page - Maxim Integrated Products MAX6357 Datasheet HTML 7Page - Maxim Integrated Products MAX6357 Datasheet HTML 8Page - Maxim Integrated Products MAX6357 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX6351–MAX6360 microprocessor (µP) supervi-
sors with multiple reset voltages significantly improve sys-
tem reliability and accuracy compared to separate ICs or
discrete components. If any input supply voltage drops
below its associated preset threshold, all reset outputs
are asserted. In addition, the outputs are valid as long as
either input supply voltage remains greater than +1.0V.
All devices in this series have an active-low debounced
manual reset input. In addition, the MAX6358/MAX6359/
MAX6360 offer a watchdog-timer input with a 46.4s start-
up timeout period and a 2.9s timeout period. The
MAX6355/MAX6356/MAX6357 offer an additional voltage
monitor input to monitor a third voltage.
The MAX6351 features two active-low, push-pull reset
outputs, one is referenced to VCC1 and the other is refer-
enced to VCC2. The MAX6353/MAX6356/MAX6359 offer
an active-low, push-pull reset output referenced to VCC1.
The MAX6354/MAX6357/MAX6360 offer an active-low,
push-pull reset output referenced to VCC2.
All these devices are offered with a wide variety of voltage
threshold levels, as shown in the Voltage Threshold
Levels table. They are available in 5- and 6-pin SOT23
packages and operate over the extended (-40°C to
+85°C) temperature range.
Features
♦ Precision Monitoring of Multiple +1.8V, +2.5V,
+3.0V, +3.3V, and +5V Power-Supply Voltages
♦ Precision Factory-Set Power-Supply
Reset Thresholds
♦ 20µA Supply Current
♦ 100ms min Power-On Reset Pulse Width
♦ Debounced TTL/CMOS-Compatible
Manual-Reset Input
♦ Watchdog Timer
46.4s Startup Timeout
2.9s Normal Timeout
♦ Fully Guaranteed Over Temperature
♦ Guaranteed RESET Valid to VCC1 = 1V or
VCC2 = 1V
♦ Power-Supply Transient Immunity
♦ No External Components for Dual-Voltage
Systems
♦ Small 5- and 6-Pin SOT23 Packages
♦ Low Cost
Applications
Computers
Intelligent Instruments
Controllers
Multivoltage Systems
Portable/Battery-Powered
Equipment
Dual/Triple-Voltage
µP Supervisory Circuits
________________________________________________________________ Maxim Integrated Products
1
19-1508; Rev 6; 12/05
*The _ _ are placeholders for the threshold voltage levels of the
devices. Substitute the part number suffix in the Voltage Thres-
hold Levels table for the desired voltage level. All devices are
available in tape-and-reel only. There is a 2500 piece minimum
order increment for the SOT package.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Ordering Information
PART*
MAX6351_ _UT-T
MAX6352_ _UK-T
MAX6353_ _UK-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PIN-PACKAGE
6 SOT23-6
5 SOT23-5
5 SOT23-5
MAX6354_ _UK-T
MAX6355_ _UT-T
MAX6356_ _UT-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
5 SOT23-5
6 SOT23-6
6 SOT23-6
MAX6357_ _UT-T
MAX6358_ _UT-T
MAX6359_ _UT-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
6 SOT23-6
6 SOT23-6
6 SOT23-6
MAX6360_ _UT-T
-40°C to +85°C
6 SOT23-6
Note: Standard versions are shown in bold. Sample stock is gen-
erally held on the standard versions only. Contact factory for avail-
ability.
__________Voltage Threshold Levels
Pin Configurations appear at end of data sheet.
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART NO.
SUFFIX
(_ _)
VCC1 NOMINAL
VOLTAGE
THRESHOLD (V)
VCC2 NOMINAL
VOLTAGE
THRESHOLD (V)
LT
4.63
3.08
LS
4.63
2.93
LR
4.63
2.63
MT
4.38
3.08
MS
4.38
2.93
MR
4.38
2.63
TZ
3.08
2.32
TY
3.08
2.19
TW
3.08
1.67
TV
3.08
1.58
SZ
2.93
2.32
SY
2.93
2.19
SW
2.93
1.67
SV
2.93
1.58
UW
2.78
1.67
UV
2.78
1.58
RW
2.63
1.67
RV
2.63
1.58


Similar Part No. - MAX6357

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6357 MAXIM-MAX6357 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6357LRUK-T MAXIM-MAX6357LRUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6357LRUT-T MAXIM-MAX6357LRUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6357LSUK-T MAXIM-MAX6357LSUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6357LSUT-T MAXIM-MAX6357LSUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results

Similar Description - MAX6357

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com