Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2743019447 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 2743019447
Description  RF Power Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

2743019447 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 2743019447 Datasheet HTML 6Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 7Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 8Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 9Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 10Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 11Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 12Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 13Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
RF Device Data
Freescale Semiconductor
MRFE6S9045NR1
Figure 16. Series Equivalent Source and Load Impedance
f
MHz
Zsource
Ω
Zload
Ω
850
865
880
3.05 + j1.27
3.31 + j1.33
3.16 + j1.33
0.42 + j0.30
0.42 + j0.44
0.45 + j0.60
VDD = 28 Vdc, IDQ = 350 mA, Pout = 10 W Avg.
895
910
3.35 + j1.05
3.43 + j1.20
0.48 + j0.74
0.50 + j0.85
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zo = 5 Ω
Zsource
f = 850 MHz
f = 910 MHz
Zload
f = 910 MHz
f = 850 MHz


Similar Part No. - 2743019447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
2743019447 FREESCALE-2743019447 Datasheet
928Kb / 20P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
2743019447 NXP-2743019447 Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
Freescale Semiconductor...
2743019447 FREESCALE-2743019447 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
2743019447 NXP-2743019447 Datasheet
916Kb / 21P
   RF Power Field Effect Transistors
Rev. 0, 3/2009
logo
Fair-Rite Products Corp...
2743019447 FAIR-RITE-2743019447 Datasheet
150Kb / 1P
   43 SM BEAD
More results

Similar Description - 2743019447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com