Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7967A-25VIR1 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUP7967A-25VIR1
Description  300mA Low-Noise Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7967A-25VIR1 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUP7967A-25VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7967A-25VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EUP7967A
DS7967A Ver 1.4 Sep. 2007
3
Ordering Information
Order Number
Package Type
Marking
Operating Temperature range
EUP7967A-12VIR1
SOT23-5
hT □ □ □ □
-40°C to 85°C
EUP7967A-15VIR1
SOT23-5
h0 □ □ □ □
-40°C to 85°C
EUP7967A-18VIR1
SOT23-5
h1 □ □ □ □
-40°C to 85°C
EUP7967A-25VIR1
SOT23-5
h2 □ □ □ □
-40°C to 85°C
EUP7967A-28VIR1
SOT23-5
h6 □ □ □ □
-40°C to 85°C
EUP7967A-30VIR1
SOT23-5
h5 □ □ □ □
-40°C to 85°C
EUP7967A-33VIR1
SOT23-5
h3 □ □ □ □
-40°C to 85°C
EUP7967AVIR1
SOT23-5
hA □ □ □ □
-40°C to 85°C
EUP7967A □ □ □ □ □ □
Lead Free Code
1: Lead Free 0: Lead
Packing
R: Tape & Reel
Operating temperature range
I: Industry Standard
C: Commercial
Package Type
V: SOT23
Output Voltage
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
Black: Adjustable


Similar Part No. - EUP7967A-25VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7967A-25VIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com