Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6354 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6354
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6354 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6354 Datasheet HTML 3Page - Maxim Integrated Products MAX6354 Datasheet HTML 4Page - Maxim Integrated Products MAX6354 Datasheet HTML 5Page - Maxim Integrated Products MAX6354 Datasheet HTML 6Page - Maxim Integrated Products MAX6354 Datasheet HTML 7Page - Maxim Integrated Products MAX6354 Datasheet HTML 8Page - Maxim Integrated Products MAX6354 Datasheet HTML 9Page - Maxim Integrated Products MAX6354 Datasheet HTML 10Page - Maxim Integrated Products MAX6354 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
_______________________________________________________________________________________
7
Detailed Description
Supply Voltages
The MAX6351–MAX6360 microprocessor (µP) superviso-
ry circuits maintain system integrity by alerting the µP to
fault conditions. These ICs monitor multiple-supply sys-
tems. The output reset state is guaranteed to remain
viable while either VCC1 or VCC2 is above +1V.
Threshold Levels
All the possible input voltage threshold level combina-
tions are indicated by a two-letter code in the Voltage
Threshold Levels table.
Reset Outputs
The MAX6351 provides two active-low, push-pull reset
outputs, one corresponding to each of its two moni-
tored voltages. The MAX6353/MAX6356/MAX6359 have
an active-low, push-pull reset output that is referenced
to VCC1. The MAX6354/MAX6357/MAX6360 have an
active-low, push-pull reset output that is referenced to
VCC2. The MAX6352/MAX6355/MAX6358 provide an
active-low open-drain reset. The reset outputs are
maintained as long as at least one of the supplies is
above +1V.
Negative-Going VCC Transients
The MAX6351–MAX6360 are designed to ignore short
negative-going VCC1 and VCC2 transients. See the
Maximum VCC Transient Duration vs. Reset Threshold
Overdrive graph in the Typical Operating Characteristics.
Third Input Voltage
(MAX6355/MAX6356/MAX6357)
The MAX6355/MAX6356/MAX6357 provide an addition-
al input to monitor a third voltage. The threshold voltage
at RSTIN is typically 1.22V. To monitor a voltage higher
than 1.22V, connect a resistive divider to the circuit as
shown in Figure 2. The threshold at VEXT is:
Note that RSTIN is powered by VCC1, and its voltage
must therefore remain lower than or equal to VCC1.
Watchdog Input
(MAX6358/MAX6359/MAX6360)
The MAX6358/MAX6359/MAX6360 include a dual-
mode watchdog timer to monitor µP activity. The flexi-
ble timeout architecture provides a startup mode,
allowing complicated systems to complete lengthy
boots, and a normal mode, allowing the supervisor to
provide quick alerts when processor activity fails.
V
1.22V
R1
R2
R2
EXT_TH =
+


WATCHDOG
TIMER
VCC1
(5) 6
4
(5)
(5)
2
GND
NOTE: PIN 1 IS RST1 FOR THE MAX6351 AND RST FOR THE
MAX6352–MAX6360. PIN 5 IS RST2 FOR THE MAX6351, RSTIN
FOR THE MAX6355/MAX6356/MAX6357, WDI FOR THE MAX6358/
MAX6359/MAX6360, AND VCC1 FOR THE MAX6352/MAX6353/MAX6354.
VCC2
MR
(RSTIN)
RST (1)
RST2 (5)
(1)
RST1
(WDI)
RESET
GENERATOR
GLITCH
FILTER
MAX6351–MAX6360
VTH1
VTH2
1.22V
3
Figure 1. Functional Diagram
Figure 2. Monitoring a Third Voltage
VEXT
R1
R2
VCC1
≥ VRSTIN
RSTIN
MAX6355
MAX6356
MAX6357


Similar Part No. - MAX6354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6354 MAXIM-MAX6354 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6354LRUK-T MAXIM-MAX6354LRUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6354LRUT-T MAXIM-MAX6354LRUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6354LSUK-T MAXIM-MAX6354LSUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6354LSUT-T MAXIM-MAX6354LSUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results

Similar Description - MAX6354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com