Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7966-25DIR1 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP7966-25DIR1
Description  2A Low-Dropout Regulator with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7966-25DIR1 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP7966-25DIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7966-25DIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EUP7966
DS7966 Ver1.0 Aug. 2006
10
Application Note
External Capacitors
To assure regulator stability, input and output capacitors
are required as shown in the Typical Application Circuit.
Output Capacitor
The EUP7966 is designed specifically to work with very
small ceramic output capacitors. A ceramic capacitor
(temperature characteristics X7R, X5R, Z5U, or Y5V) in
4.7 to 22µF range with 5mΩ to 200mΩ ESR range is
suitable in the EUP7966 application circuit.
The output capacitor must meet the requirement for
minimum amount of capacitance and also have an ESR
(Equivalent Series Resistance) value which is within a
stable range (5mΩ to 200mΩ)
Input Capacitor
The input capacitor must be at least 10 µF ceramic, but
can be increased without limit. It’s purpose is to provide a
low source impedance for the regulator input.
Bias Capacitor
The 1µF capacitor on the bias line can be any good
quality capacitor (ceramic is recommended).
Bias Voltage
The bias voltage is an external voltage rail required to
get gate drive for the N-FET pass transistor. Bias
voltage must be in the range of 4.5 – 5.5V to assure
proper operation of the part.
Shutdown Operation
Pulling down the VEN pin will turn-off the regulator.
VEN pin must be actively terminated through a pull-up
resistor (10 kΩ to 100 kΩ) for a proper operation. If this
pin is driven from a source that actively pulls high and
low (such as a CMOS rail to rail comparator) , the pull-up
resistor is not required. This pin must be tied to VIN if
not used.
Power Dissipation /Heatsinking
A heatsink may be required depending on the
maximum power dissipation and maximum ambient
temperature of the application. Under all possible
conditions, the junction temperature must be within the
range specified under operating conditions. The total
power dissipation of the device is given by:
PD=(VIN-VOUT)IOUT+(VIN)IGND
where IGND is the operating ground current of the
device. The maximum allowable temperature rise
(TRmax) depends on the maximum ambient temper
-ature (T
Amax) of the application, and the maximum
allowable junction temperature (TJmax):
TRmax=TJmax-TAmax
The maximum allowable value for junction to ambient
Thermal Resistance, θJA, can be calculated using the
formula:
θJA=TRmax/PD
Heatsinking for the SOP-8 (FD) package is
accomplished by allowing heat to flow through the
ground slug on the bottom of the package into the
copper on the PC board. The heat slug must be
soldered down to a copper plane to get good heat
transfer. It can also be connected through vias to
internal copper planes .Since the heat slug is at ground
potential, traces must not be routed under it which are
not at ground potential. Under all possible conditions,
the junction temperature must be within the range
specified under operating conditions.


Similar Part No. - EUP7966-25DIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7966-25DIR1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962_07 Datasheet
533Kb / 11P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
   2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
   2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com