Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7201-2.8UIR1 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUP7201-2.8UIR1
Description  Dual ,Low-Noise,150mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7201-2.8UIR1 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUP7201-2.8UIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7201-2.8UIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EUP7201
DS7201 Ver 1.5 Oct. 2007
3
Block Diagram
Figure 2.
Ordering Information
Order Number
Package Type
Marking
Operating Temperature range
EUP7201-1.5/2.8VIR1
SOT23-6
N C □ □ □ □
-40 °C to 85°C
EUP7201-1.8/2.8VIR1
SOT23-6
N A □ □ □ □
-40 °C to 85°C
EUP7201-1.8/2.6VIR1
SOT23-6
N U □ □ □ □
-40 °C to 85°C
EUP7201-1.8/3.3VIR1
SOT23-6
N H □ □ □ □
-40 °C to 85°C
EUP7201-2.5/2.8VIR1
SOT23-6
N D □ □ □ □
-40 °C to 85°C
EUP7201-2.8/1.2VIR1
SOT23-6
N P □ □ □ □
-40 °C to 85°C
EUP7201-2.8/2.8VIR1
SOT23-6
N M □ □ □ □
-40 °C to 85°C
EUP7201-2.8/3.0VIR1
SOT23-6
N K □ □ □ □
-40 °C to 85°C
EUP7201-2.8/3.3VIR1
SOT23-6
N L □ □ □ □
-40 °C to 85°C
EUP7201-3.0/3.0VIR1
SOT23-6
N N □ □ □ □
-40 °C to 85°C
EUP7201-3.0/3.3VIR1
SOT23-6
N T □ □ □ □
-40 °C to 85°C
EUP7201-3.3/3.3VIR1
SOT23-6
N J □ □ □ □
-40 °C to 85°C


Similar Part No. - EUP7201-2.8UIR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.5/2.8JIR0 ETC1-EUP7211-1.5/2.8JIR0 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.5/2.8JIR1 ETC1-EUP7211-1.5/2.8JIR1 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.8/2.8JIR0 ETC1-EUP7211-1.8/2.8JIR0 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.8/2.8JIR1 ETC1-EUP7211-1.8/2.8JIR1 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
More results

Similar Description - EUP7201-2.8UIR1

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com