Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDJ-65609EV-40-E Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MMDJ-65609EV-40-E
Description  Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MMDJ-65609EV-40-E Datasheet(HTML) 2 Page - ATMEL Corporation

  MMDJ-65609EV-40-E Datasheet HTML 1Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 2Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 3Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 4Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 5Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 6Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 7Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 8Page - ATMEL Corporation MMDJ-65609EV-40-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
M65609E
4158D–AERO–06/02
Block Diagram
Pin Configuration
32 pins Flatpack 400 MILS
Pin Description
Table 1. Pin Names
Name
Description
A0 - A16
Address Inputs
I/O1 - I/O8
Data Input/Output
CS1
Chip Select 1
CS2
Chip Select 2
WE
Write Enable
OE
Output Enable
VCC
Power
GND
Ground


Similar Part No. - MMDJ-65609EV-40-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MMDJ-65609EV-40-E ATMEL-MMDJ-65609EV-40-E Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results

Similar Description - MMDJ-65609EV-40-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com