Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1440CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1440CDD
Description  Ultralow Power Single/Dual Comparator with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440CDD Datasheet(HTML) 4 Page - Linear Technology

  LTC1440CDD Datasheet HTML 1Page - Linear Technology LTC1440CDD Datasheet HTML 2Page - Linear Technology LTC1440CDD Datasheet HTML 3Page - Linear Technology LTC1440CDD Datasheet HTML 4Page - Linear Technology LTC1440CDD Datasheet HTML 5Page - Linear Technology LTC1440CDD Datasheet HTML 6Page - Linear Technology LTC1440CDD Datasheet HTML 7Page - Linear Technology LTC1440CDD Datasheet HTML 8Page - Linear Technology LTC1440CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1440/LTC1441/LTC1442
144012fc
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 3V and V= GND = 0V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
211
V
ICC
Supply Current
IN + = IN + 80mV
LTC1440 0
°C ≤ TA ≤ 70°C
2
3.9
µA
HYST = REF (LTC1440/LTC1442)
–40
°C ≤ TA ≤ 85°C
4.3
µA
LTC1441
3.5
5.7
µA
LTC1442
3.5
5.7
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 1.5V
±3
±10
mV
IIN
Input Leakage Current (IN +, IN )VIN+ = VIN– = 1.5V
±0.01
±1nA
Input Leakage Current (HYST)
±0.02
±1nA
VCM
Comparator Input Common
V
V + – 1.3V
V
Mode Range
CMRR
Common Mode Rejection Ratio
V to V + – 1.3V
0.1
1
mV/V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V (LTC1441)
0.1
1
mV/V
V + = 2.5V to 11V (LTC1440/LTC1442)
0.1
1
mV/V
NOISE
Voltage Noise
100Hz to 100kHz
100
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1440/LTC1442
REF – 50mV
REF
V
tPD
Propagation Delay
COUT = 100pF
Overdrive = 10mV
14
µs
Overdrive = 100mV
5
µs
VOH
Output High Voltage
IO = – 8mA
V + – 0.4V
V
Comparator
VOL
Output Low Voltage
IO = 0.8mA
LTC1440
GND + 0.4V
V
LTC1441/LTC1442
V + 0.4V
V
Reference
VREF
Reference Voltage
No Load
LTC1440/LTC1442
0
°C ≤ TA ≤ 70°C
1.170
1.182
1.194
V
–40
°C ≤ TA ≤ 85°C
1.164
1.200
V
LTC1440 (MSOP, DFN)
1.164
1.200
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV (LTC1442)
60
120
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV (LTC1442)
10
20
µA
∆VREF
Reference Source Current
0
≤ ISOURCE ≤ 1mA (LTC1440)
0.8
5.5
mV
Reference Sink Current
0
≤ ISINK ≤ 10µA (LTC1440)
0.5
1.5
mV
5mV
NOISE
Voltage Noise
100Hz to 100kHz
100
µVRMS


Similar Part No. - LTC1440CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440CMS8 LINER-LTC1440CMS8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440CN8 LINER-LTC1440CN8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440CS8 LINER-LTC1440CS8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results

Similar Description - LTC1440CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com