Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7963-33KAIR1 Datasheet(PDF) 8 Page - Eutech Microelectronics Inc

Part # EUP7963-33KAIR1
Description  3A Ultra Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7963-33KAIR1 Datasheet(HTML) 8 Page - Eutech Microelectronics Inc

Back Button EUP7963-33KAIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EUP7963
DS7963 Ver 1.4 Oct. 2007
8
Application Note
External Capacitors
Like any low-dropout regulator, the EUP7963 requires
external capacitors for regulator stability. These
capacitors must be correctly selected for good
performance.
Input Capacitor
An input capacitance of 4.7µF is required between the
EUP7963 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more
than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or
film capacitor may be used at the input.
If a tantalum capacitor is used at the input, it must be
guaranteed by the manufacturer to have a surge current
rating sufficient for the application.
There are no requirements for the ESR on the input
capacitor, but tolerance and temperature coefficient must
be considered when selecting the capacitor to ensure the
capacitance will be 4.7µF over the entire operating
temperature range.
Output Capacitor
The EUP7963 is designed specifically to work with very
small ceramic output capacitors. A ceramic capacitor
(temperature characteristics X7R, X5R, Z5U, or Y5V) in
10 to 22µF range with 5mΩ to 200mΩ ESR range is
suitable in the EUP7963 application circuit.
The output capacitor must meet the requirement for
minimum amount of capacitance and also have an ESR
(Equivalent Series Resistance) value which is within a
stable range (5mΩ to 200mΩ)
No-Load Stability
The EUP7963 will remain stable and in regulation with
no external load. This is specially important in CMOS
RAM keep-alive applications.
On/Off Input Operation
The EUP7963 is turned off by pulling the VEN pin low,
and turned on by pulling it high. If this feature is not used,
the VEN pin should be tied to VIN to keep the regulator
output on at all time. To assure proper operation, the
signal source used to drive the VEN input must be able to
swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section
under VIL and VIH.
ERROR Flag Operation
The EUP7963 produces a logic low signal at the
ERROR Flag pin when the output drops out of
regulation due to low input voltage, current limiting, or
thermal limiting. This flag has a built in hysteresis.
The internal ERROR flag comparator has an open drain
output stage. Hence, the ERROR pin should be pulled
high through a pull up resistor. The ERROR pin must be
connected to ground if this function is not used. It should
also be noted that when the shutdown pin is pulled low,
the ERROR pin is forced to be invalid for reasons of
saving power in shutdown mode.
Adjustable Operation
The adjustable version of the EUP7963 has an output
voltage range of 0.8V to 4.5V. The output voltage of the
EUP7963 adjustable regulator is programmed using an
external resistor divider as shown in Figure3. The output
voltage is calculated using:
Where:
Vref= 0.8V typ. (the internal reference voltage)
Utilize the following equation for adjusting the output to
a particular voltage:
Choose R2=50k to optimize accuracy, power supply
rejection, noise and power consumption.
)
R
R
(1
V
V
2
1
ref
O
+
×
=
=
1
0.8V
V
R
P
O
2
I


Similar Part No. - EUP7963-33KAIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7963-33KAIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com