Part Name
         Description
LTC1440_07

 Ultralow Power Single/Dual Comparator with Reference ( 16 Page)


LINER
100% 
Zoom Out Zoom In
 
 2 page
background image
2
LTC1440/LTC1441/LTC1442
144012fc
S8 PART
MARKING
Voltage
V + to V , V + to GND, GND to V ...........12V to – 0.3V
IN +, IN , HYST ................. (V + + 0.3V) to (V – 0.3V)
REF ................................... (V + + 0.3V) to (V – 0.3V)
OUT (LTC1440) .............. (V + + 0.3V) to (GND – 0.3V)
OUT (LTC1441/LTC1442) ... (V + + 0.3V) to (V – 0.3V)
Current
IN +, IN , HYST ................................................. 20mA
REF ................................................................... 20mA
OUT .................................................................. 50mA
ABSOLUTE MAXIMUM RATINGS
OUT Short-Circuit Duration (V +
≤ 5.5V) .......Continuous
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC144XC ............................................... 0
°C to 70°C
LTC144XI ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Storage Temperature Range
(DD Package) ................................... – 65
°C to 125°C
Junction Temperature ........................................... 150
°C
Junction Temperature (DD Package) .................... 125
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
* The temperature grade is identified by a label on the shipping container.
(Note 1)
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 175°C/ W (S8)
TJMAX = 150°C, θJA = 250°C/ W
ORDER PART
NUMBER
LTC1440CDD
LTC1440IDD
DD8 PART
MARKING*
LBTH
ORDER PART
NUMBER
LTC1440CMS8
LTC1440IMS8
MS8 PART
MARKING*
LTBX
ORDER PART
NUMBER
LTC1440CN8
LTC1440CS8
LTC1440IN8
LTC1440IS8
S8 PART
MARKING
1440
1440
1440I
1440I
TJMAX = 125°C, θJA = 160°C/ W (DD)
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
1
2
3
4
8
7
6
5
TOP VIEW
GND
V
IN+
IN
OUT
V+
REF
HYST
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART
MARKING
1441
1441I
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 175°C/ W (S8)
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 175°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
V
IN A+
IN A
OUT B
V +
IN B+
IN B
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
V
IN A+
IN B
OUT B
V+
REF
HYST
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
LTC1441CN8
LTC1441CS8
LTC1441IN8
LTC1441IS8
LTC1442CN8
LTC1442CS8
LTC1442IN8
LTC1442IS8
1442
1442I
1
2
3
4
GND
V
IN+
IN
8
7
6
5
OUT
V+
REF
HYST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
V
IN+
IN
OUT
V+
REF
HYST
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC1031_05Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown 1 2 3 4 5 MoreMicrochip Technology
ADCMP670_07Dual Low Power 1.5% Comparator With 400 mV Reference 1 2 3 4 5 MoreAnalog Devices
LMP7300Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis Coming SoonNational Semiconductor
ADS851316-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices
LMV7235_0645 nsec Ultra Low Power Low Voltage Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output 1 2 3 4 5 MoreNational Semiconductor
ADA4430-1Ultralow Power Video Filter with Power-Down 1 2 3 4 5 MoreAnalog Devices
ADS850612-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreBurr-Brown Corporation
TLV3011Nanopower 1.8V SOT23 Comparator with Voltage Reference 1 2 3 4 5 MoreBurr-Brown Corporation
ADA4853-1Low Power Rail-to-Rail Output Video Op Amp with Ultralow Power Disable 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl