Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7180-30CIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP7180-30CIR1
Description  1關A Quiescent Current, 150mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7180-30CIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP7180-30CIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7180-30CIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EUP7180
DS7180 Ver1.2 Oct. 2007
1
1µA Quiescent Current,
150mA LDO Regulator
DESCRIPTION
The EUP7180 is CMOS-based voltage regulator IC
with extremely low supply current which is typically
1µA. Dropout voltage is also very low. The
EUP7180 has output short circuit and over current
protection features.
The EUP7180 is available in 1.5V, 2.3V, 2.5V and
3.0V versions.
FEATURE
Low Ground Current at 1µA
Low Dropout Voltage of 230mV at Output
Current 100mA
Guaranteed 150mA Output Current
Stable with low ESR Ceramic Capacitors
Current-limiting
SOT23 3-pin and SOT89 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Stable Voltage reference.
Power source for electrical appliances such as
cameras, VCRs and camcorders.
Power source for battery-powered equipment
Block Diagram
Figure 1.


Similar Part No. - EUP7180-30CIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-18VIR1 EUTECH-EUP7182-18VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-25VIR1 EUTECH-EUP7182-25VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-28VIR1 EUTECH-EUP7182-28VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-30VIR1 EUTECH-EUP7182-30VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
More results

Similar Description - EUP7180-30CIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com