Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7962 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP7962
Description  2A Ultra Low-Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7962 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP7962 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7962 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EUP7962
DS7962 Ver 1.4 Oct. 2007
5
Absolute Maximum Ratings
Supply Voltage VIN ----------------------------------------------------------------------
5.5V
Package Thermal Resistance
TO-263, θJA ------------------------------------------------------------------------- 45°C /W
TO-220, θJA ------------------------------------------------------------------------- 55°C /W
SOP-8 (FD), θJA -------------------------------------------------------------------- 42.3°C/W
Power Dissipation, PD@TA=25°C
TO-263 ------------------------------------------------------------------------------
2.2W
TO-220 ------------------------------------------------------------------------------
1.8W
SOP-8 (FD) -------------------------------------------------------------------------
0.8W
Junction Temperature ------------------------------------------------------------------- 150°C
Storage Temperature
------------------------------------------------------ -65°C to +150°C
Lead Temp ------------------------------------------------------------------------------
260°C
ESD Rating
Human Body Model ----------------------------------------------------------------------
2kV
Operating Ratings
Supply Voltage VIN ---------------------------------------------------------------- 2.5 to 5.5V
Enable Input Voltage -------------------------------------------------------------- 0V to 5.5V
Junction Temperature ------------------------------------------------------ -40°C to +125°C
Electrical Characteristics
Limits in standard typeface are for TJ =25°C. Unless otherwise specified: VIN= VOUT(nom) +1V, IL=10mA, COUT=10µF
EUP7962
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
Output Voltage Tolerance
VOUT+1V ≤ VIN ≤ 5.5V
10mA ≤ IL ≤ 2A
-1.8
1.8
%
Line Regulation
VOUT+1V ≤ VIN ≤ 5.5V
0.09
0.2
%/
V
Δ
VOUT
Load Regulation
10mA ≤ IL ≤ 2A
0.04
0.2
%/
A
IL = 150mA
41
50
VIN -VOUT Dropout Voltage
IL = 2A
600
700
mV
IL = 0A
1
1.5
Ground Pin Current in
Normal Operation Mode
IL = 2A
1.3
1.9
mA
VEN ≤0.3V
0.01
10
IGND
Ground Pin Current in
Shutdown Mode
µA
IO(PK)
Peak Output Current
VO ≥ VO(NOM) -4%
3
A
Short Circuit Protection
ISC
Short Circuit Current
3.5
A


Similar Part No. - EUP7962

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7962

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com