Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7180-23CIR1 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP7180-23CIR1
Description  1關A Quiescent Current, 150mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7180-23CIR1 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP7180-23CIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7180-23CIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EUP7180
DS7180 Ver1.2 Oct. 2007
10
Packaging Information
SOT23-3
MILLIMETERS
INCHES
SYMBOL
S
MIN.
MAX.
MIN.
MAX.
A
-
1.30
-
0.052
A1
0.00
0.15
0.000
0.006
D
2.90
0.114
E1
1.60
0.063
E
2.60
3.00
0.102
0.118
L
0.30
0.60
0.012
0.024
b
0.30
0.50
0.012
0.020
e
0.95
0.037


Similar Part No. - EUP7180-23CIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-18VIR1 EUTECH-EUP7182-18VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-25VIR1 EUTECH-EUP7182-25VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-28VIR1 EUTECH-EUP7182-28VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-30VIR1 EUTECH-EUP7182-30VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
More results

Similar Description - EUP7180-23CIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com