Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7559 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP7559
Description  Low Noise Dual 300mA LDO with Independent Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7559 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP7559 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7559 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EUP7559
DS7559 Ver 1.0 May. 2007
9
Application Note
The EUP7559 is a high performance, low quiescent
current power management IC consisting of two µCap
low dropout regulators. The first regulator is capable of
sourcing 300mA at output voltages from 1.5V to 3.3V.
The second regulator is capable of sourcing 300mA of
current at output voltages from 1.5V to 3.3V. These
outputs are stable with 2.2uF output capacitor at any
load.
Enable A and B
The enable inputs allow for logic control of both output
voltages with individual enable inputs. The EUP7559 is
turned off by pulling the VEN pin low, and turned on by
pulling it high. If this feature is not used, the VEN pin
should be tied to VIN to keep the regulator output on at all
time. To assure proper operation, the signal source used
to drive the VEN input must be able to swing above and
below the specified turn-on/off voltage thresholds listed
in the Electrical Characteristics section under VIL and
VIH.
External Capacitors
Like any low-dropout regulator, the EUP7559 requires
external capacitors for regulator stability. The EUP7559
is specifically designed for portable applications
requiring minimum board space and smallest components.
These capacitors must be correctly selected for good
performance.
Input Capacitor
An input capacitance of
2.2µF or greater is required
between the EUP7559 input pin and ground (the amount
of the capacitance may be increased without limit).
This capacitor must be located a distance of not more
than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or
film capacitor may be used at the input.
Output Capacitor
The EUP7559 is designed specifically to work with
very small ceramic output capacitors. A ceramic
capacitor (temperature characteristics X7R, X5R,
Z5U, or Y5V) in 2.2µF to 22µF range with 5mΩ to
500mΩ ESR range is suitable in the EUP7559
application circuit.
The output capacitor must meet the requirement for
minimum amount of capacitance and also have an
ESR (Equivalent Series Resistance) value which is
within a stable range (5mΩ to 500mΩ)
No-Load Stability
The EUP7559 will remain stable and in regulation
with no external load. This is specially important in
CMOS RAM keep-alive applications.
Capacitor Characteristics
The EUP7559 is designed to work with ceramic
capacitors on the output ceramic capacitors are the
smallest, least expensive and have the lowest ESR
values (which makes them best for eliminating high
frequency noise). The ESR of a typical 2.2µF ceramic
capacitor is in the range of 10mΩ to 40mΩ, which
easily meets the ESR requirement for stability by the
EUP7559.
The ceramic capacitor’s capacitance can vary with
temperature. The capacitor type X7R, which operates
over a temperature range of -55°C to +125°C, will only
vary the capacitance to within ±15%. Most large value
ceramic capacitors (
2.2µF) are manufactured with
Z5U or Y5V temperature characteristics. Their
capacitance can drop by more than 50% as the
temperature goes from 25°C to 85°C. Therefore, X7R
is recommended over Z5U and Y5V in applications
where
the
ambient
temperature
will
change
significantly above or below 25°C.
Noise Bypass Capacitor
Connecting a 0.01µF capacitor between the BP pin and
ground significantly reduces noise on the regulator
output. This cap is connected directly to a high
impedance node in the bandgap reference circuit. Any
significant loading on this node will cause a change on
the regulated output voltage. For this reason, DC
leakage current through this pin must be kept as low as
possible for best output voltage accuracy. The types of
capacitors best suited for the noise bypass capacitor are
ceramic and film.
Unlike many other LDO’s, addition of a noise
reduction capacitor does not effect the load transient
response of the device.


Similar Part No. - EUP7559

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-2.5DIR0 EUTECH-EUP7522-2.5DIR0 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-2.5DIR1 EUTECH-EUP7522-2.5DIR1 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-3.3DIR0 EUTECH-EUP7522-3.3DIR0 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-3.3DIR1 EUTECH-EUP7522-3.3DIR1 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
More results

Similar Description - EUP7559

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559 Datasheet
266Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Rev 0; 1/04
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
Mitsumi Electronics, Co...
MM3608 MITSUMI-MM3608 Datasheet
337Kb / 16P
   300mA LDO with thermal shutdown
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com