Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7201-1.5VIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP7201-1.5VIR1
Description  Dual ,Low-Noise,150mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7201-1.5VIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP7201-1.5VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7201-1.5VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
EUP7201
DS7201 Ver 1.5 Oct. 2007
1
Dual ,Low-Noise,150mA LDO Regulator
DESCRIPTION
The EUP7201 is highly accurate, Dual, low noise, CMOS
LDO voltage regulator. Performance features include low
output noise, high ripple rejection ratio, low dropout and
very fast turn-on times.
The EUP7201 is also fully compatible with low ESR
ceramic capacitors, reducing cost and improving output
stability. This high level of output stability is maintained
even during frequent load fluctuations, due to the excellent
transient response performance and high PSRR achieved
across a broad range of frequencies.
The EN function allows the output of each regulator to be
turned off independently, resulting in greatly reduced
power consumption. The EUP7201 is available in the
SOT23-6 , TDFN-6 and USP-6 package.
FEATURES
Up to 150mA Output Current (Each LDO)
Dual Shutdown Pins Control Each Output
124μVRMS Low Noise Output
Current Limiting and Thermal Protection
Short Circuit Protection
100mV Dropout at 100mA Load
Current Limiting Protection
Available in SOT23-6 ,TDFN-6 and USP-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Cellular Phones
Camera, Video Recorders
PDAs
Hand-held Equipment
Typical Application Circuit
Figure 1.


Similar Part No. - EUP7201-1.5VIR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.5/2.8JIR0 ETC1-EUP7211-1.5/2.8JIR0 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.5/2.8JIR1 ETC1-EUP7211-1.5/2.8JIR1 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.8/2.8JIR0 ETC1-EUP7211-1.8/2.8JIR0 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.8/2.8JIR1 ETC1-EUP7211-1.8/2.8JIR1 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
More results

Similar Description - EUP7201-1.5VIR1

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com