Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2796JIR1 Datasheet(PDF) 7 Page - Eutech Microelectronics Inc

Part # EUP2796JIR1
Description  Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2796JIR1 Datasheet(HTML) 7 Page - Eutech Microelectronics Inc

  EUP2796JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2796JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EUP2796
DS2796 Ver1.0 Feb. 2007
7
Application Information
Enable Pins: ENM, ENS
The EUP2796 has 2 enable pins-ENM and ENS,
which control the main and sub LEDs. All two are
active-high logic (HIGH = ON). When both of ENM
or ENS voltage is low (<0.5V), the part is in
shutdown mode. All internal circuitry is OFF and the
part consumes almost no supply current when the
EUP2796 is shutdown. When the voltage on either of
ENM and ENS pin is high (>1.1V), the part is active.
The charge pump is ON, and turn on the output
currents to drive the LEDs. ENM activates
/deactivates the four group-A outputs (D1-D4). ENS
activates/deactivates
the
two
group-B
outputs
(D5-D6).
There is no pull down resistors that are connected
internally between each of the enable pins to ground.
Setting LED Currents
The output currents of the EUP2796 can be set to a
desired value simply by connecting an appropriately
sized resistor (RSET) between the ISET pin of the
EUP2796 and GND. The output currents (LED
currents) are proportional to the current that flows out
of the ISET pin. The output currents are a factor of 100
greater than the ISET current. The feedback loop of an
internal amplifier sets the voltage of the ISET pin to
1.18V(typ.). Placing a resistor between ISET and GND
programs the ISET current, and thus the LED currents.
The statements above are simplified in the equations
below:
()
SET
SET
DXX
R
V
00
1
I
×
×
=
()
DXX
SET
I
V
18
.
1
00
1
R
×
×
=
Maximum Output Current, Maximum LED
Voltage, Minimum Input Voltage
The EUP2796 can drive 6 LEDs at 15mA each from
an input voltage as low as 3.0V, so long as the LEDs
have a forward voltage of 3.6V or less (room
temperature).
The statement above is a simple example of the LED
drive capabilities of the EUP2796. The statement
contains the key application parameters that are
required to validate an LED- drive design using the
EUP2796: LED current (ILED), number of active
LEDs (N), LED forward voltage (VLED), and mini-
mum input voltage (VIN-MIN).
The equation below can be used to estimate the total
output current capability of the EUP2796:
()1
.
eq
,
K
R
N
V
V
5
.
1
I
HR
OUT
LED
IN
MAX
_
LED
+
=
mA
/
mV
12
4
N
V
V
5
.
1
I
LED
IN
MAX
_
LED
+
=
ROUT – Output resistance. This parameter models the
internal losses of the charge pump that result in
voltage droop at the pump output POUT. Since the
magnitude of the voltage droop is proportional to the
total output current of the charge pump, the loss
parameter is modeled as a resistance. The output
resistance of the EUP2796 is typically 4Ω (VIN = 3.0V,
TA = 25˚C). In equation form:
()
2
.
eq
R
I
N
V
5
.
1
V
OUT
LED
IN
POUT
×
×
×
=
KHR – Headroom constant. This parameter models the
minimum voltage required to be present across the
current sources for them to regulate properly. This
minimum voltage is proportional to the programmed
LED current, so the constant has units of mV/mA.
The typical KHR of the EUP2796 is 12mV/mA. In
equation form:
(
)(
)
3
.
eq
I
K
V
V
LED
HR
LED
POUT
×
>
The "ILED-MAX" equation (eq. 1) is obtained from
combining the ROUT equation (eq. 2) with the KHR
equation (eq. 3) and solving for ILED. Maximum LED
current is highly dependent on minimum input
voltage and LED forward voltage. Output current
capability can be increased by raising the minimum
input voltage of the application, or by selecting an
LED with a lower forward voltage. Excessive power
dissipation may also limit output current capability of
an application.


Similar Part No. - EUP2796JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
EUP2794JIR0 EUTECH-EUP2794JIR0 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
EUP2794JIR1 EUTECH-EUP2794JIR1 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
More results

Similar Description - EUP2796JIR1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
[Old version datasheet]   LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com