Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2794 Datasheet(PDF) 8 Page - Eutech Microelectronics Inc

Part # EUP2794
Description  White LED Driver with 1X /1.5X High-Efficiency Charge Pump
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2794 Datasheet(HTML) 8 Page - Eutech Microelectronics Inc

Back Button EUP2794 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP2794 Datasheet HTML 12Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EUP2794
DS2794 Ver0.5 Mar. 2006
8
Application Information
Circuit Description
The EUP2794 has four regulated current sources
connected to the device’s 1.5x charge pump output
(POUT). At input voltages below 3.82V (typ.), the
charge-pump provides the needed voltage to drive
high forward voltage drop White LEDs. It does this
by stepping up the POUT voltage 1.5 times the input
voltage. The charge pump operates in Pass Mode,
providing a voltage on POUT equal to the input voltage,
when the input voltage is at or above 3.82V (typ.).
The device can drive up to 80mA through any
combination of LEDs connected to the constant
current outputs D1-D4. To set the LED drive current,
the device uses a resistor connected to the ISET pin to
set a reference current. This reference current is then
multiplied and mirrored to each constant current
output. The LED brightness can then be controlled by
analog and/or digital methods. Applying an analog
voltage in the range of 0V to 3.0V to the Brightness
pin (BRGT) adjusts the dimming profile of the LEDs.
The digital technique uses a PWM (Pulse Width
Modulation) signal applied to the Shutdown pin (SD).
(see I
SET and BRGT PINS section).
Soft-Start
Soft start is implemented internally by limiting the
current flow through the charge pump switches.
During soft start, the input current and LED current
will ramp up slowly and avoid current inrush.
Shutdown Mode
The shutdown pin (SD) disables the part and reduces
the quiescent current less than 1µA (typ.).The
EUP2794 has an active-low shutdown pin (LOW =
shutdown, HIGH = operating). The EUP2794 SD pin
can be driven with a low-voltage CMOS logic signal
(1.5V logic, 1.8V logic, etc). There is no internal
pull-up or pull-down on the SD pin of the EUP2794.
Capacitor Selection
The EUP2794 requires 4 external capacitors for
proper operation. Surface-mount multi-layer ceramic
capacitors are recommended. These capacitors are
small, inexpensive and have very low equivalent
series resistance (ESR,
15m
Ω. typ.). Tantalum
capacitors, OS-CON capacitors, and aluminum
electrolytic capacitors are generally not recommended
for use with the EUP2794 due to their high ESR, as
compared
to
ceramic
capacitors.
For
most
applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with
the EUP2794. These capacitors have tight capacitance
tolerance (as good as ±10%), hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R:
±15% over -55°C to 85°C), and typically have little
voltage coefficient.
ISET and BRGT Pins
An external resistor, RSET, is connected to the ISET pin
to set the current to be mirrored in each of the LED
outputs. The internal current mirror sets each LED
output current with a 10:1 ratio to the current through
RSET. The current mirror circuitry matches the current
through each LED to within 0.6%.
In addition to RSET, a voltage may be applied to the
VBRGT in to vary the LED current. By adjusting
current with the Brightness pin (BRGT), the
brightness of the LEDs can be smoothly varied.
Applying a voltage on BRGT between 0 to 3 volts
will linearly vary the LED current. Voltages above
3V do not increase the LED current any further. The
voltage on the VBRGT pin is fed into an internal
resistor network with a ratio of 0.385. The resulting
voltage is then summed with a measured offset
voltage of 0.188V, which comes from the reference
voltage being fed through a resistor network (See
Functional Block Diagram). The brightness control
circuitry then uses the summed voltage to control the
voltage across RSET. An equation for approximating
the LED current is:
(
)
()
Ratio
Mirror
*
SET
R
0.385
*
BRGT
V
OFFSET
V
LED
I
+
=
(
)
Amps
1
10
*
SET
R
0.385
*
BRGT
V
0.188
LED
I
+
=


Similar Part No. - EUP2794

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
EUP2796JIR1 EUTECH-EUP2796JIR1 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
More results

Similar Description - EUP2794

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com