Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU9525 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AU9525
Description  USB Smart Card Reader Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU9525 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AU9525 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU9525 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Table 3.1 AU9525 Pin Descriptions
Pin #
Pin Name
I/O
Description
1
AVCC
PWR
Analog 3.3V power supply
2
AVSS
PWR
Analog ground.
3
XTAL1
I
Crystal Oscillator Input (12MHz).
4
XTAL2
O
Crystal Oscillator Output (12MHz).
5
PSWOUTB
O
Connect to Slot1 Power.
6
PSWOUTA
O
Connect to Slot0 Power.
7
VCC5V
PWR
5V power supply Input
8
BVCC
PWR
3.3V power supply output
9
USB_DP
I/O
USB D+
10
USB_DM
I/O
USB D-
11
BVSS
PWR
Chip I/O Ground.
12
ChipRstN
I
Chip Reset
13
LCD_En
O
LCD Enable(High effective).
14
GPI_0
I
Reserved (need pull down)
15
LCD_Rw
O
LCD Read/Write.0:write;1:read.
16
GPI_1
I
Reserved (need pull down)
17
LCD_RS
O
LCD driver dedicated I/O line: LCD Register Select.
18
SCL
I/O
EEPROM Clock (need pull high)
19
SDA
I/O
EEPROM Data (need pull high)
20
LCD_BL
O
LCD Background Light control,1:on,0:off.
21
LCD_CS1
O
LCD Display control(To select the left side or right
side).
22
Key_Row4
I
Keyboard row input 4.
23
Key_Row3
I
Keyboard row input 3.
24
Key_Row2
I
Keyboard row input 2.
25
Key_Row1
I
Keyboard row input 1.
26
Key_Row0
I
Keyboard row input 0.
27
PORT1_2
O
Slot1 LED
28
PORT1_3
O
Slot2 LED
29
PORT1_4
O
Card Power LED
30
PORT1_5
I
PID/VID ("1": 9525 one slot mode, "0": 9526 two slot
mode, default: "1")
31
PORT1_6
I
Reserved(need pull Low)
32
PORT1_7
I
Reserved(need pull Low)
33
Key_Col5
I
Keyboard columniation input 5.
AU9525 USB Smart Card Reader Controller V1.00W
4


Similar Part No. - AU9525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
AU9520 ETC2-AU9520 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
More results

Similar Description - AU9525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
   USB 2.0 CompactFlash Card Reader Controller
GL816 ETC-GL816 Datasheet
134Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
   USB 2.0 Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com