Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA5202QIT1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUA5202QIT1
Description  2-W Stereo Audio Power Amplifier with Mute
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA5202QIT1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUA5202QIT1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA5202QIT1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EUA5202
DS5202 Ver 1.6 May. 2005
6
Typical Ac Operating Characteristics, VDD=5V, TA=25°C, RL=3Ω
Symbol
Parameter
Conditions
Typ.
Unit
THD=0.2%, BTL, See Figure 3
2
PO
Output Power(each
channel)*1
THD=1%, BTL, See Figure 3
2.2
W
THD+N
Total Harmonic Distortion
Plus Noise
PO=2W, f=1KHz ,See Figure5
200
m%
V1=1V, RL=10kΩ, AV=1V/V
100
m%
BOM
Maximum Output Power
Bandwidth
AV=10V/V THD <1%, See Figure5
>20
KHz
f=1KHz, See Figure37
65
Supply Ripple Rejection
Ratio
f=20-20KHz, See Figure37
40
dB
Mute Attenuation
85
dB
Channel-to- Channel Output
Separation
f=1KHz, See Figure 39
85
dB
Line/HP Input Separation
88
dB
BTL Attenuation in SE
Mode
86
dB
Z1
Input Impedance
2
MΩ
Signal-to-Noise Ratio
PO=2W,BTL, 5V
101
dB
VN
Output Noise Voltage
See Figure 35
22
µV(rms)
*1: Output Power is measured at the output terminals of the IC at 1 KHz
Typical Ac Operating Characteristics, VDD=3.3V, TA=25°C, RL=3Ω
Symbol
Parameter
Conditions
Typ.
Unit
THD=0.2%, BTL, See Figure 10
800
PO
Output Power(each
channel)*1
THD=1%, BTL, See Figure 10
900
W
THD+N
Total Harmonic Distortion
Plus Noise
PO=2W, f=1KHz ,See Figure11
350
m%
V1=1V, RL=10kΩ, AV =1V/V
200
m%
BOM
Maximum Output Power
Bandwidth
AV=10V/V THD <1%, See Figure11
>20
KHz
f=1KHz, See Figure37
60
Supply Ripple Rejection
Ratio
f=20-20KHz, See Figure37
40
dB
Mute Attenuation
85
dB
Channel-to- Channel Output
Separation
f=1KHz, See Figure 40
80
dB
Line/HP Input Separation
88
dB
BTL Attenuation in SE
Mode
86
dB
Z1
Input Impedance
2
MΩ
Signal - to - Noise Ratio
PO=700mW,BTL, 5V
96
dB
VN
Output Noise Voltage
See Figure 36
22
µV(rms)
*1: Output Power is measured at the output terminals of the IC at 1 KHz


Similar Part No. - EUA5202QIT1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5212QIR0 EUTECH-EUA5212QIR0 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5212QIR1 EUTECH-EUA5212QIR1 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5212QIT0 EUTECH-EUA5212QIT0 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5212QIT1 EUTECH-EUA5212QIT1 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
More results

Similar Description - EUA5202QIT1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
   Stereo 11W Audio Power Amplifier with Mute
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com