Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU9410 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AU9410
Description  USB Keyboard Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AU9410 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AU9410_06 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU9410_06 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Page 11 of 24
AU9410 USB Keyboard Controller V3.00W
Official Release_Public
4.0 System Architecture and
Reference Design
4.1 Block Diagram
Figure 4.1 Block Diagram
Figure 4.1 AU9410 Block Diagram
4.2 Sample Schematics
Optional
1K
EEPROM
2048X16
ROM
EEPROM
Control
Suspend,
Resume
And
Frame
Timer
3.3V
3.3V
Voltage Regulator
XCVR
USB SIE
Command
Processor
Keyboard
& Keypad
Scan
And
FIFO
Led
Control
Special Key Control
Logic
Row
Column
ACPI Key
2
19
8
Root Port
Fn Key
Vendor LED(2)
Num Lock
Cap Lock
Scroll Lock


Similar Part No. - AU9410_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
More results

Similar Description - AU9410_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
WT6510 ETC-WT6510 Datasheet
143Kb / 8P
   WT6510 USB KEYBOARD CONTROLLER
NT6881 ETC-NT6881 Datasheet
785Kb / 23P
   USB Keyboard Micro-Controller
NT68P81 ETC-NT68P81 Datasheet
1,003Kb / 30P
   USB Keyboard Micro-Controller
WT65F1 ETC2-WT65F1 Datasheet
144Kb / 8P
   USB Keyboard Controller (Flash Memory Type)
GL651USB ETC-GL651USB Datasheet
156Kb / 16P
   2-PORT USB KEYBOARD HUB CONTROLLER
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com