Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90614ESF-CBB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MLX90614ESF-CBB
Description  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614ESF-CBB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MLX90614ESF-CBB Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90614ESF-CBB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 11 of 40
Data Sheet
Rev 003
03/Oct/2007
8.3 Block description
8.3.1 Amplifier
A low noise low offset amplifier with programmable gain is implemented for amplification of the IR sensor
voltage. With a carefully designed input modulator and balanced input impedance, an offset as low as 0.5µV
is achieved.
8.3.2 Supply regulator and POR
The module can operate from 2 different supplies:
VDD= 5V => MLX90614Axx
VDD=3.3V => MLX90614Bxx (battery or regulated supply)
Refer to “Applications information” section for information about adopting higher voltage supplies.
The Power On Reset (POR) is connected to Vdd supply. The on-chip POR circuit provides an active (high)
level of the POR signal when the Vdd voltage rises above approximately 0.5V and holds the entire
MLX90614xxx in reset until the Vdd is higher than the specified POR threshold VPOR (note that this level is
different for MLX90614Axx and MLX90614Bxx). During the time POR is active, the POR signal is available as
an open drain (active high) at the PWM/SDA pin. After the MLX90614xxx exits the POR condition, the
function programmed in EEPROM takes precedence for that pin.
8.3.3 EEPROM
A limited number of addresses in the EEPROM memory can be changed by the customer. The whole
EEPROM can be read via SMBus interface.
EEPROM (32X16)
Name
Address
Write acces
Tomax
000h
Yes
Tomin
001h
Yes
PWMCTRL
002h
Yes
Ta range
003h
Yes
Emissivity correction coefficient
004h
Yes
Config Register1
005h
Yes
Melexis reserved
006h
No
Melexis reserved
00Dh
No
SMBus address
00Eh
Yes
Melexis reserved
00Fh
Yes
Melexis reserved
010h
No
Melexis reserved
018
No
Melexis reserved
019h
Yes
Melexis reserved
01Ah
No
Melexis reserved
01Bh
No
ID number
01Ch
No
ID number
01Dh
No
ID number
01Eh
No
ID number
01Fh
No
The addresses Tomax, Tomin and Ta range are for customer dependent object and ambient temperature
ranges. For details see point 8.5.3 below in this document
The address
Emissivity contains the object em sivity (factory default 1.0 = 0xFFFF), 16 bit.
is
Emissivity = dec2hex[ round( 65535 x
ε) ]
where dec2hex[ round( X ) ] represents decimal to hexadecimal conversion with round-off to nearest value
(not truncation). In this case the physical emissivity values are
ε = 0.1…1.0.


Similar Part No. - MLX90614ESF-CBB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614ESF-CBB MELEXIS-MLX90614ESF-CBB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614ESF-CBB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com