Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F002ZB60CDBJL Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS28F002ZB60CDBJL
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002ZB60CDBJL Datasheet(HTML) 5 Page - Texas Instruments

  TMS28F002ZB60CDBJL Datasheet HTML 1Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 2Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 3Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 4Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 5Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 6Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 7Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 8Page - Texas Instruments TMS28F002ZB60CDBJL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
device symbol nomenclature
Temperature Range Designator
L=
0
°Cto 70°C
E = – 40
°Cto 85°C
Q= – 40
°C to 125°C
Package Designator
DBJ = 44-Pin PSOP
DCD= 40-Pin TSOP (F002 only)
DCD= 48-Pin TSOP (F200 only)
Program/Erase Endurance
C
= 100 000 Cycles
B
= 10 000 Cycles
Speed Designator
60 = 60 ns
70 = 70 ns
80 = 80 ns
90 = 90 ns
60
C
DBJ
L
TMS28F200AS
Boot-Block Location Indicator
T = Top Location
B = Bottom Location
S = (3.3 V
± 0.3V or 5V ± 10%) VCC and (5V ± 10% or 12V ± 5%) VPP
E =(2.7 V to 3.6 V or 5 V
± 10%) VCC and (5 V ± 10% or 12 V ± 5%) VPP
M = (3.3 V
± 0.3V or 5V ± 10%) VCC and 12V ± 5% VPP
F= 5 V
± 10% VCC and (5V ± 10% or 12V ± 5%) VPP
Z= 5 V
± 10% VCC and 12 V ± 5% VPP
T
Organization
200 = 128K x 16-bits or 256K x 8 bits
002 = 256K x 8 bits
Table 1. VCC-/VPP-Voltage Configurations
DEVICE
CONFIGURATION
READ VOLTAGE (VCC)
PROGRAM/ERASE
VOLTAGE (VPP)
OPERATING FREE-AIR
TEMPERATURE (TA)
ACCESS SPEEDS
5 V (3.3 V) VCC
TMS28F200ASy
3.3 V
± 0.3 V or
5 V
± 10% or
0
°C to 70°C
60(110), 70(130), 80(150) ns
TMS28F200ASy
5 V
± 10 %
12 V
± 5 %
– 40
°C to 85°C
60(110), 70(130), 80(150) ns
TMS28F200AEy
2.7 V to 3.6 V or
5 V
± 10% or
0
°C to 70°C
60(110), 70(130), 80(150) ns
TMS28F200AEy
5 V
± 10 %
12 V
± 5 %
– 40
°C to 85°C
60(110), 70(130), 80(150) ns
TMS28F200AMy
3.3 V
± 0.3 V or
12 V
± 5%
0
°C to 70°C
60(110), 70(130), 80(150) ns
TMS28F200AMy
5 V
± 10 %
12 V
± 5 %
– 40
°C to 85°C
60(110), 70(130), 80(150) ns
5V
± 10%
0
°C to 70°C
60, 70, 80 ns
TMS28F200AFy
5 V
± 10 %
5 V
± 10% or
12 V
± 5%
– 40
°C to 85°C
60, 70, 80 ns
12 V
± 5 %
– 40
°C to 125°C‡
70, 80, 90 ns
0
°C to 70°C
60, 70, 80 ns
TMS28F200AZy
5 V
± 10 %
12 V
± 5 %
– 40
°C to 85°C
60, 70, 80 ns
– 40
°C to 125°C‡
70, 80, 90 ns
† All configurations are available in the TMS28F002Axy (8-bit only) and top or bottom boot.
‡ Only the 44-pin PSOP is offered in the – 40
°C to 125°C temperature range.


Similar Part No. - TMS28F002ZB60CDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F002ZB60CDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS28F1600 TI1-TMS28F1600 Datasheet
616Kb / 44P
[Old version datasheet]   16M-BIT (1M BY 16, 2M BY 8) CONCURRENT OPERATIONS AUTO-SELECT BOOT-BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com