Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC602LP4 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC602LP4
Description  70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC602LP4 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC602LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
8
8 - 31
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC602LP4 / 602LP4E
v01.0407
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz
Item
Description
J1 - J3
PC Mount SMA Connector
J4
Molex Connector Header
J5 - J11
DC Pin
C1, C2
1000 pF Capacitor, 0402 Pkg.
C3, C5, C7
100 pF Capacitor, 0402 Pkg.
C4, C6, C8
0.1μF Capacitor, 0603 Pkg.
C9
220 pF Capacitor, 0603 Pkg.
R1
68Ω Resistor, 0603 Pkg.
R2
1k Ω Resistor, 0603 Pkg.
R3
10k Ω Resistor, 0603 Pkg.
R4 - R6, R9
0Ω Resistor, 0603 Pkg.
R8, R12
0Ω Resistor, 0402 Pkg.
U1
HMC602LP4 / HMC602LP4E
Logarithmic Detector / Controller
PCB [2]
115400 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 115402 [1]


Similar Part No. - HMC602LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
HMC602LP4 AD-HMC602LP4 Datasheet
532Kb / 8P
   Receiver Signal Strength Indication
logo
Hittite Microwave Corpo...
HMC602LP4E HITTITE-HMC602LP4E Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
HMC602LP4E AD-HMC602LP4E Datasheet
532Kb / 8P
   Receiver Signal Strength Indication
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
More results

Similar Description - HMC602LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com