Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90614BAB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MLX90614BAB
Description  Single and Dual Zone Infra Red Thermometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614BAB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MLX90614BAB Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 6 of 35
Data Sheet
Rev 1.0
14/Sep/2006
6 Electrical Specifications
6.1 MLX90614Axx
All parameters are preliminary for TA = 25 ˚C, VDD =5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supplies
External supply
VDD
4.5
5
5.5
V
Supply current
IDD
No load
1
mA
Supply current
(programming)
IDDpr
No load, erase/write EEPROM
operations
1.5
mA
Zener voltage
Vz
Iz = 75…400 uA
5.6
5.75
5.8
V
Zener voltage
Vz(Ta)
Iz=70…400uA, full temperature
range
5.15
5.75
6.24
V
Power On Reset
POR level
VPOR
Power-up, power-down and
brown-out
2.7
3.0
3.3
V
VDD rise time
TPOR
Ensure POR signal
3
ms
Output valid (result in RAM)
Tvalid
After POR
0.15
s
Pulse width modulation1
PWM resolution
PWMres
Data band
10
bit
PWM output period
PWMT,def
Factory default, internal oscillator
factory calibrated
1.024
ms
PWM period stability
dPWMT
Internal oscillator factory
calibrated, over the entire
operation range and supply
voltage
-4
+4
%
Output high Level
PWMHI
Isource = 2 mA
VDD-0.2
V
Output low Level
PWMLO
Isink = 2 mA
VSS+0.2
V
Output drive current
IdrivePWM
Vout,H = VDD - 0.8V
20
mA
Output sink current
IsinkPWM
Vout,L = 0.8V
20
mA
Output settling time
Tset
100 pF capacitive load, full
operating Ta range
500
TBD
ns
Output settling time
TsetRC
220 Ohm in series with 47nF load
on the wire, full Ta operating
range
20
50
us


Similar Part No. - MLX90614BAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614DCI MELEXIS-MLX90614DCI Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614BAB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com