Electronic Components Datasheet Search |
|
XC9111A181EL Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC9111A181EL Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 35 page 7/35 XC9110/XC9111 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT CIRCUIT Output Voltage VOUT Connected to external components × 0.975 VOUT × 1.025 V ⑥ Output Voltage Temperature Characteristics △ VOUT △ VOUT・△topr Connected to external components - 40℃≦Topr≦85℃ - ± 100 - ppm/ ℃ ⑥ Maximum Input Voltage VIN 10 - - V - Operating Start Voltage VST1 IOUT=1mA, Connected to external components - 0.8 0.9 V ⑥ Oscillation Start Voltage VST2 Applied 0.8V to VOUT - - 0.8 V ⑦ Operation Hold Voltage VHLD IOUT=1mA, Connected to external components 0.7 - - V ⑥ Supply Current 1 (*1) IDD1 Applied (output voltage×0.95) to VOUT - E2-1(*) E2-2(*) μ A ⑦ Supply Current 2 IDD2 Applied (output voltage+0.5) to VOUT - E3-1(*) E3-2(*) μ A ⑦ EXT ‘H’ ON Resistance REXTH Same as IDD1, VEXT=VOUT-0.4V (*2) - E5-1(*) E5-2(*) Ω ② EXT ‘L’ ON Resistance REXTL Same as IDD1, VEXT=0.4V (*3) - E6-1(*) E6-2(*) Ω ② Duty Ratio DTY Same as IDD1, measure Lx waveform E7-1(*) E7-2(*) E7-3(*) % ⑦ Duty Ratio 2 DTY2 IOUT=1mA, measure Lx ON time. Connect to external components 48 56 64 % ⑥ Maximum Oscillation Frequency MAXFOSC Same as IDD1 85 100 115 kHz ⑦ Maximum Oscillation Frequency 2 MAXFOSC2 Same as IDD1 153 180 207 kHz ⑦ Efficiency (*4) EFFI Connect to external components - E9(*) - % ⑥ Test condition : Unless otherwise specified, VIN=VOUT×0.6, IOUT=<C1(*)> NOTE: *1: Supply Current 1 is the value when the IC is constantly switching. In actual operation, the oscillator periodically switches, resulting in lower power consumption. *2: EXT ‘H’ ON resistance can be calculated by (0.4 x Rp) / ( VEXT – Vpull). * Change Vpull so that VEXT will become VOUT-0.4V. *3: EXT ‘L’ ON resistance can be calculated by (VEXT x Rp) / ( Vpull- VEXT). * Change Vpull so that VEXT will become 0.4V. *4: EFFI={[output voltage]×(output current)} / [(input voltage)×(input current)]×100 *5: Please be aware of the absolute maximum ratings of the external components. (*): Please refer to the charts. Ta = 25℃ XC9111Bxx1MR ■ ELECTRICAL CHARACTERISTICS (Continued) |
Similar Part No. - XC9111A181EL |
|
Similar Description - XC9111A181EL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |