Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90614 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MLX90614
Description  Single and Dual Zone Infra Red Thermometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLX90614_06 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614_06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 4 of 35
Data Sheet
Rev 1.0
14/Sep/2006
3 Glossary of Terms
PTAT
Proportional To Absolute Temperature sensor (package temperature)
PTC
Positive Temperature Coefficient sensor (package temperature)
POR
Power On Reset
HFO
High Frequency Oscillator (RC)
DSP
Digital Signal Processing
FIR
Finite Impulse Response. Digital filter
IIR
Infinite Impulse Response. Digital filter
IR
Infra-Red
PWM
Pulse With Modulation
DC
Duty Cycle (of the PWM) ; Direct Current (for settled conditions specifications)
FOV
Field Of View
SDA,SCL
Serial DAta, Serial CLock – SMBus compatible communication pins
Ta
Ambient Temperature measured from the chip – (the package temperature)
To
Object Temperature, ‘seen’ from IR sensor
ESD
Electro-Static Discharge
EMC
Electro-Magnetic Compatibility
TBD
To Be Defined
Note: sometimes the MLX90614xxx is referred to as “the module”.
4 Maximum ratings
Parameter.
MLX90614AAA
MLX90614ABA
MLX90614BAA
MLX90614BBA
MLX90614AAB
MLX90614ABB
MLX90614BAB
MLX90614BBB
Supply Voltage, VDD (over voltage)
7V
5V
7V
5V
Supply Voltage, VDD (operating)
5.5 V
3.6V
5.5V
3.6V
Reverse Voltage
0.4 V
Operating Temperature Range, TA
-40 to +125
°C
-40…+85°C
Storage Temperature Range, TS
-40…+125
°C
-40…+105°C
ESD Sensitivity (AEC Q100 002)
2kV
DC current into SCL/Vz (Vz mode)
2 mA
DC sink current, SDA /PWM pin
25 mA
DC source current, SDA/PWM pin
25 mA
DC clamp current, SDA/PWM pin
25 mA
DC clamp current, SCL pin
25 mA
Table 1: Absolute maximum ratings for MLX90614
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.


Similar Part No. - MLX90614_06

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614DCI MELEXIS-MLX90614DCI Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF MELEXIS-MLX90614ESF Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-AAA ETC2-MLX90614ESF-AAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-AAA MELEXIS-MLX90614ESF-AAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-AAA-000-TU MELEXIS-MLX90614ESF-AAA-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614_06

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com