Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10136 Datasheet(PDF) 1 Page - Sumida Corporation

Part # C10136
Description  ADSL Transformer< SMD Type: CEP Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C10136 Datasheet(HTML) 1 Page - Sumida Corporation

  C10136 Datasheet HTML 1Page - Sumida Corporation C10136 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP1311
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
17.7×13.5mm Max.(L×W),12.3mm Max. Height.
Feature
xDSL line transformer.
Ideally used in ADSL customer premises equipment, SHDSL&HDSL, splitter and VDSL.
Approved by TI, Silicon Labs, Broadcom and Conexant.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
13.5 MAX
[.531]
12.3 MAX
[.484]
17.7 MAX
[.697]
Part Number
Date Code
Country of Origin
sumida
8x2.5±0.25
[.098±.010]
10x0.65±0.20
[.026±.008]
1
5
10
6
1
10
5
6
2.5
[.098]
1.3
[.051]
19.05
[.750]
10.0
[.394]
2.54
[.100]
11.3
[.445]
1
4
8
5
6
7
Line
Chip
3
1
4
8
5
6
7
Line
Chip
3
2
(B)
(A)
2


Similar Part No. - C10136

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C10134 SUMIDA-C10134 Datasheet
141Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
C10138 SUMIDA-C10138 Datasheet
46Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
C10138 SUMIDA-C10138 Datasheet
108Kb / 2P
   ADSL Transformer
More results

Similar Description - C10136

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
   ADSL Transformer
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP911 SUMIDA-CEP911 Datasheet
39Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
   ADSL Transformer
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP912 SUMIDA-CEP912 Datasheet
43Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com