Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC170DBG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LBC170DBG4
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC170DBG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LBC170DBG4 Datasheet HTML 6Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 7Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 8Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 9Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 10Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 11Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 12Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 13Page - Texas Instruments SN65LBC170DBG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
0
0.5
1
1.5
2
2.5
3
3.5
4
0
204060
80
100
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
Figure 14
0
0.5
1
1.5
2
2.5
−60
−40
−20
0
20
40
60
80
100
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 15
4
5
6
7
8
9
10
11
12
−40
−20
0
20
40
60
80
SCSI Load
RS−485 Load
TA − Free-Air Temperature − °C
DRIVER PROPAGATION DELAY
vs
FREE-AIR TEMPERATURE
Figure 16
135
140
145
150
155
160
165
0.1
1
10
100
Signaling Rate − Mbps
SUPPLY CURRENT
vs
SIGNALING RATE
All 3 Channels Driving
RL = 54 Ω,
CL = 50 pF (Each Channel),
Pseudorandom NRZ Data


Similar Part No. - SN65LBC170DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170DB TI-SN65LBC170DB Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DB TI-SN65LBC170DB Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBRG4 TI-SN65LBC170DBRG4 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC170DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com