Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1112 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TLV1112
Description  1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV1112 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TLV1112 Datasheet HTML 4Page - STMicroelectronics TLV1112 Datasheet HTML 5Page - STMicroelectronics TLV1112 Datasheet HTML 6Page - STMicroelectronics TLV1112 Datasheet HTML 7Page - STMicroelectronics TLV1112 Datasheet HTML 8Page - STMicroelectronics TLV1112 Datasheet HTML 9Page - STMicroelectronics TLV1112 Datasheet HTML 10Page - STMicroelectronics TLV1112 Datasheet HTML 11Page - STMicroelectronics TLV1112 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MECHANICAL DATA
MPDS094A – APRIL 2001 – REVISED JUNE 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCY (R-PDSO-G4)
PLASTIC SMALL-OUTLINE
4202506/B 06/2002
6,30 (0.248)
6,70 (0.264)
2,90 (0.114)
3,10 (0.122)
6,70 (0.264)
7,30 (0.287)
3,70 (0.146)
3,30 (0.130)
0,02 (0.0008)
0,10 (0.0040)
1,50 (0.059)
1,70 (0.067)
0,23 (0.009)
0,35 (0.014)
1
2
3
4
0,66 (0.026)
0,84 (0.033)
1,80 (0.071) MAX
Seating Plane
0
°–10°
Gauge Plane
0,75 (0.030) MIN
0,25 (0.010)
0,08 (0.003)
0,10 (0.004) M
2,30 (0.091)
4,60 (0.181)
M
0,10 (0.004)
NOTES: A. All linear dimensions are in millimeters (inches).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC TO-261 Variation AA.


Similar Part No. - TLV1112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15 TI-TLV1117-15 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI-TLV1117-15CDCY Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI1-TLV1117-15CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
Panasonic Semiconductor
AN7700 PANASONIC-AN7700 Datasheet
169Kb / 21P
   Low-dropout three-pin voltage regulator 1.2-A type
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com