Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC16T245GQLR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC16T245GQLR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16T245GQLR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC16T245GQLR Datasheet HTML 1Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 2Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 3Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 4Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 5Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 6Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 7Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 8Page - Texas Instruments SN74LVC16T245GQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
1
47
24
36
48
2
25
13
Absolute Maximum Ratings
(1)
SN74LVC16T245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES636A – AUGUST 2005 – REVISED AUGUST 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
6.5
V
VCCB
I/O ports (A port)
–0.5
6.5
VI
Input voltage range(2)
I/O ports (B port)
–0.5
6.5
V
Control inputs
–0.5
6.5
A port
–0.5
6.5
Voltage range applied to any output
VO
V
in the high-impedance or power-off state(2)
B port
–0.5
6.5
A port
–0.5 VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5 VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCCA, VCCB, and GND
±100
mA
DGG package
70
θ
JA
Package thermal impedance(4)
DGV package
58
°C/W
GQL/ZQL package
28
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 6.5 V maximum if the output current rating is observed.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3


Similar Part No. - SN74LVC16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16T245GQLR TI-SN74LVC16T245GQLR Datasheet
327Kb / 17P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74LVC16T245GQLR TI-SN74LVC16T245GQLR Datasheet
469Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16T245GQLR TI1-SN74LVC16T245GQLR Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results

Similar Description - SN74LVC16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com