Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS1177 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS1177
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS1177 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS1177 Datasheet HTML 1Page - Texas Instruments SN75ALS1177 Datasheet HTML 2Page - Texas Instruments SN75ALS1177 Datasheet HTML 3Page - Texas Instruments SN75ALS1177 Datasheet HTML 4Page - Texas Instruments SN75ALS1177 Datasheet HTML 5Page - Texas Instruments SN75ALS1177 Datasheet HTML 6Page - Texas Instruments SN75ALS1177 Datasheet HTML 7Page - Texas Instruments SN75ALS1177 Datasheet HTML 8Page - Texas Instruments SN75ALS1177 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN75ALS1177, SN75ALS1178
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS154B – MARCH 1993 – REVISED FEBRUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of outputs
TYPICAL OF RECEIVER OUTPUTS
TYPICAL OF DRIVER OUTPUTS
70
Ω NOM
VCC
GND
Output
VCC
Output
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (DE, RE, and D inputs)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (driver)
–9 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, receiver
–14 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver differential-input voltage range (see Note 2)
–14 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver low-level output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential input voltage, are with respect to the network ground terminal.
2. Differential input voltage is measured at the noninverting terminal with respect to the inverting terminal.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN75ALS1177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS1177 TI-SN75ALS1177 Datasheet
190Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177 Datasheet
334Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177N TI-SN75ALS1177N Datasheet
190Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177N TI-SN75ALS1177N Datasheet
334Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75ALS1177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com