Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1S09 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S09
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S09 Datasheet HTML 3Page - STMicroelectronics ST1S09 Datasheet HTML 4Page - STMicroelectronics ST1S09 Datasheet HTML 5Page - STMicroelectronics ST1S09 Datasheet HTML 6Page - STMicroelectronics ST1S09 Datasheet HTML 7Page - STMicroelectronics ST1S09 Datasheet HTML 8Page - STMicroelectronics ST1S09 Datasheet HTML 9Page - STMicroelectronics ST1S09 Datasheet HTML 10Page - STMicroelectronics ST1S09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST1S09
Electrical characteristics
7/18
Note:
1
Guaranteed by design, but not tested in production.
Table 7.
Electrical characteristics for ST1S09IPU Refer to Figure 22. application circuit
VIN_SW = VIN_A = VINH = 5V, VO = 1.2V, C1 = 4.7µF, C2 = 22µF, L1 = 2.7µH,
TJ = -30 to 125°C (unless otherwise specified. Typical values are referred to 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB pin bias current
600
nA
VI
Minimum input voltage
IO = 10mA to 2A
2.7
V
OVP
Over voltage protection
threshold
VO rising
1.05 VO 1.1 VO
V
Over voltage protection
hysteresis
VO falling
5
%
IQ
Quiescent current
VINH > 1.2V, not switching
1.5
2.5
mA
VINH < 0.4V, T = - 30°C to 85°C
1
µA
IO
Output current
VI = 2.7 to 5.5V Note: 1
2A
VINH
Inhibit threshold
Device ON, VI = 2.7 to 5.5V
1.3
V
Device ON, VI = 2.7 to 5V
1.2
Device OFF
0.4
IINH
Inhibit pin current
2µA
%VO/ΔVI
Output line regulation
VI = 2.7V to 5.5V, IO = 100mA
Note: 1
0.16
%VO/
ΔVI
%VO/ΔIO
Output load regulation
IO = 10mA to 2A Note: 1
0.2
0.6
%VO/
ΔIO
PWMfS
PWM switching frequency
VFB = 0.65V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
RDSON-N NMOS switch on resistance
ISW = 750 mA
0.1
Ω
RDSON-P PMOS switch on resistance
ISW = 750 mA
0.1
Ω
ISWL
Switching current limitation
Note: 1
2.5
2.9
3.5
A
ν
Efficiency Note: 1
IO = 10mA to 100mA, VO = 3.3V
65
%
IO = 100mA to 2A, VO = 3.3V
82
87
TSHDN
Thermal shutdown
150
°C
THYS
Thermal shutdown hysteresis
20
°C
%VO/ΔIO
Load transient response
IO = 100mA to 1A, TA = 25°C
tR = tF ≥ 200ns, Note: 1
-10
+10
%VO
%VO/ΔIO
Short circuit removal response
IO = 10mA to IO = short,
TA = 25°C Note: 1
-10
+10
%VO


Similar Part No. - ST1S09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09APUR STMICROELECTRONICS-ST1S09APUR Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09IPU STMICROELECTRONICS-ST1S09IPU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09IPUR STMICROELECTRONICS-ST1S09IPUR Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results

Similar Description - ST1S09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com