Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20242MHE Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM20242MHE
Description  36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20242MHE Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM20242MHE Datasheet HTML 1Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 2Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 3Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 4Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 5Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 6Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 7Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 8Page - National Semiconductor (TI) LM20242MHE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
//htmlimg2.alldatasheet.com/htmldatasheet2/218948/NSC/LM20242MHE/120/2/LM20242MHE.png


Similar Part No. - LM20242MHE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242MHE NSC-LM20242MHE Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242MHE/NOPB TI1-LM20242MHE/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Similar Description - LM20242MHE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com