Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6145IRHBRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS6145IRHBRG4
Description  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6145IRHBRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS6145IRHBRG4 Datasheet HTML 4Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 5Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 6Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 7Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 8Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 9Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 10Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 11Page - Texas Instruments ADS6145IRHBRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
(1)
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198A – JULY 2007 – REVISED OCTOBER 2007
The dc specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1, AVDD = 3.3 V
ADS6145/ADS6144
PARAMETER
TEST CONDITIONS
ADS6143/ADS6142
MIN
TYP
MAX UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
4
pF
DIGITAL OUTPUTS – CMOS INTERFACE, DRVDD = 1.8 to 3.3 V
High-level output voltage
DRVDD
V
Low-level output voltage
0
V
Output capacitance inside the device, from
Output capacitance
2
pF
each output to ground
DIGITAL OUTPUTS – LVDS INTERFACE, DRVDD = 3.3 V, IO = 3.5 mA, RL = 100 Ω
(2)
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
|VOD|
Output differential voltage
225
350
mV
VOS
Output offset voltage, single-ended
Common-mode voltage of OUTP, OUTM
1200
mV
Output capacitance inside the device, from
Output capacitance
2
pF
either output to ground
(1)
All LVDS and CMOS specifications are characterized, but not tested at production.
(2)
IO Refers to the LVDS buffer current setting, RL is the differential load resistance between the LVDS output pair.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142


Similar Part No. - ADS6145IRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6145 TI1-ADS6145 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6145IRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com