Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6713A Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # L6713A
Description  2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

L6713A Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button L6713A Datasheet HTML 52Page - Holtek Semiconductor Inc L6713A Datasheet HTML 53Page - Holtek Semiconductor Inc L6713A Datasheet HTML 54Page - Holtek Semiconductor Inc L6713A Datasheet HTML 55Page - Holtek Semiconductor Inc L6713A Datasheet HTML 56Page - Holtek Semiconductor Inc L6713A Datasheet HTML 57Page - Holtek Semiconductor Inc L6713A Datasheet HTML 58Page - Holtek Semiconductor Inc L6713A Datasheet HTML 59Page - Holtek Semiconductor Inc L6713A Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Tolerance band (TOB) definition
L6713A
56/64
23.2
Ext. current sense circuit tolerance (TOBCurrSense)
It can be further sliced as follow:
Inductor DCR Tolerance (kDCR). Variations in the inductor DCR impacts on the output
voltage since the device reads a current that is different from the real current flowing
into the sense element. As a results, the controller will source a IDROOP current different
from the nominal. The results will be an AVP different from the nominal in the same
percentage as the DCR is different from the nominal. Since all the sense elements
results to be in parallel, the error related to the inductor DCR has to be divided by the
number of phases (N).
Trans-conductance resistors tolerance (kRg). Variations in the Rg resistors impacts in
the current reading circuit gain and so impacts on the output voltage. The results will be
an AVP different from the nominal in the same percentage as the Rg is different from
the nominal. Since all the sense elements results to be in parallel, and so the three
current reading circuits, the error related to the Rg resistors has to be divided by the
number of phases (N).
NTC Initial Accuracy (kNTC_0). Variations in the NTC nominal value at room
temperature used for the thermal compensation impacts on the AVP in the same
percentage as before. In addition, the benefit of the division by the number of phases N
cannot be applied in this case.
NTC Temperature Accuracy (kNTC). NTC variations from room to hot also impacts on
the output voltage positioning. The impact is bigger as big is the temperature variation
from room to hot (
∆T).
All these parameters impacts the AVP, so they must be weighted on the maximum voltage
swing from zero load up to the maximum electrical current (VAVP). Total error from external
current sense circuit results:
23.3
Time constant matching error tolerance (TOBTCMatching)
Inductance and capacitance Tolerance (kL, kC). Variations in the inductance value and
in the value of the capacitor used for the Time Constant Matching causes over/under
shoots after a load transient appliance. This impacts the output voltage and then the
TOB. Since all the sense elements results to be in parallel, the error related to the time
constant mismatch has to be divided by the number of phases (N).
Capacitance Temperature Variations (kCt). The capacitor used for time constant
matching also vary with temperature (
∆TC) impacting on the output voltage transients
ad before. Since all the sense elements results to be in parallel, the error related to the
time constant mismatch has to be divided by the number of phases (N).
All these parameters impact the Dynamic AVP, so they must be weighted on the maximum
dynamic voltage swing (Idyn). Total error due to time constant mismatch results:
TOB
CurrSense
V
AVP
2
k
DCR
2
N
--------------
k
Rg
2
N
---------
k
NTC0
2
α∆Tk
NTC
⋅⋅
DCR
---------------------------------------
⎝⎠
⎛⎞
2
++
+
=
TOB
TCMatching
V
AVPDyn
2
k
L
2
k
C
2
k
Ct
∆TC
()
2
++
N
------------------------------------------------------------
=


Similar Part No. - L6713A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
L6713ATR STMICROELECTRONICS-L6713ATR Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
L6713A_0805 STMICROELECTRONICS-L6713A_0805 Datasheet
48Kb / 3P
   2/3/4 phase controller with embedded drivers for Intel VR11.1
More results

Similar Description - L6713A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
L6714 STMICROELECTRONICS-L6714 Datasheet
677Kb / 70P
   4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com